データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124AW データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM124AW
部品情報  Low Power Quad Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124AW データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LM124AW Datasheet HTML 4Page - National Semiconductor (TI) LM124AW Datasheet HTML 5Page - National Semiconductor (TI) LM124AW Datasheet HTML 6Page - National Semiconductor (TI) LM124AW Datasheet HTML 7Page - National Semiconductor (TI) LM124AW Datasheet HTML 8Page - National Semiconductor (TI) LM124AW Datasheet HTML 9Page - National Semiconductor (TI) LM124AW Datasheet HTML 10Page - National Semiconductor (TI) LM124AW Datasheet HTML 11Page - National Semiconductor (TI) LM124AW Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LM124A RAD HARD DC Electrical Characteristics (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset Voltage
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-2
2
mV
1
-4
4
mV
2, 3
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
-2
2
mV
1
-4
4
mV
2, 3
Vcc+ = 5V, Vcc- = Gnd,
Vcm = -1.4V
-2
2
mV
1
-4
4
mV
2, 3
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
-2
2
mV
1
-4
4
mV
2, 3
Iio
Input Offset Current
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-10
10
nA
1, 2
-30
30
nA
3
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
-10
10
nA
1, 2
-30
30
nA
3
Vcc+ = 5V, Vcc- = Gnd,
Vcm = -1.4V
-10
10
nA
1, 2
-30
30
nA
3
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
-10
10
nA
1, 2
-30
30
nA
3
±Iib
Input Bias Current
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Vcc+ = 5V, Vcc- = Gnd,
Vcm = -1.4V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
+PSRR
Power Supply
Rejection Ratio
Vcc- = Gnd, Vcm = -1.4V,
5V
≤ Vcc ≤ 30V
-100
100
uV/V
1, 2, 3
CMRR
Common Mode
Rejection Ratio
76
dB
1, 2, 3
Ios+
Output Short Circiut
Current
Vcc+ = 30V, Vcc- = Gnd,
Vo = 25V
-70
mA
1, 2,3
Icc
Power Supply Current Vcc+ = 30V, Vcc- = Gnd
3
mA
1, 2
4mA
3
Delta Vio/
Delta T
Input Offset Voltage
Temperature
Sensitivity
+25˚C
≤ TA ≤ +125˚C,
+Vcc = 5V, -Vcc = 0V,
Vcm = -1.4V
(Note 9)
-30
30
uV/ ˚C
2
-55˚C
≤ TA ≤ +25˚C, +Vcc = 5V,
-Vcc = 0V, Vcm = -1.4V
(Note 9)
-30
30
uV/ ˚C
3
Delta Iio/
Delta T
Input Offset Current
Temperature
Sensitivity
+25˚C
≤ TA ≤ +125˚C,
+Vcc = 5V, -Vcc = 0V,
Vcm = -1.4V
(Note 9)
-400
400
pA/˚ C
2
-55˚C
≤ TA ≤ +25˚C, +Vcc = 5V,
-Vcc = 0V, Vcm = -1.4V
(Note 9)
-700
700
pA/ ˚C
3
www.national.com
8


同様の部品番号 - LM124AW

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124AW TI1-LM124AW Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM124AW TI1-LM124AW Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
LM124AW/883 TI1-LM124AW/883 Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AW/883 TI1-LM124AW/883 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
LM124AWB TI1-LM124AWB Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
More results

同様の説明 - LM124AW

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com