データシートサーチシステム |
|
LM124AW データシート(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM124AW データシート(HTML) 9 Page - National Semiconductor (TI) |
9 / 27 page LM124A RAD HARD AC/DC Electrical Characteristics (Note 10) (The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device ground. SYMBOL PARAMETER CONDITIONS NOTES MIN MAX UNIT SUB- GROUPS Vol Logical "0" Output Voltage Vcc+ = 30V, Vcc- = Gnd, Rl = 10K Ohms 35 mV 4, 5, 6 Vcc+ = 30V, Vcc- = Gnd, Iol = 5mA 1.5 V 4,5,6 Vcc+ = 4.5V, Vcc- = Gnd, Iol = 2uA 0.4 V 4,5,6 Voh Logical "1" Output Voltage Vcc+ = 30V, Vcc- = Gnd, Ioh = -10mA 27 V 4,5,6 Vcc+ = 4.5V, Vcc- = Gnd, Ioh = -10mA 2.4 V 4,5,6 Avs+ Voltage Gain Vcc+ = 30V, Vcc- = Gnd, 1V ≤ Vo ≤ 26V, Rl = 10K Ohms 50 V/mV 4 25 V/mV 5, 6 Vcc+ = 30V, Vcc- = Gnd, 5V ≤ Vo ≤ 20V, Rl = 2K Ohms 50 V/mV 4 25 V/mV 5, 6 Avs Voltage Gain Vcc+ = 5V, Vcc- = Gnd, 1V ≤ Vo ≤ 2.5V, Rl = 10K Ohms 10 V/mV 4, 5, 6 Vcc+ = 5V, Vcc- = Gnd, 1V ≤ Vo ≤ 2.5V, Rl = 2K Ohms 10 V/mV 4, 5, 6 +Vop Maximum Output Voltage Swing Vcc+ = 30V, Vcc- = Gnd, Vo = +30V, Rl = 10K Ohms 27 V 4,5,6 Vcc+ = 30V, Vcc- = Gnd, Vo = +30V, Rl = 2K Ohms 26 V 4,5,6 TR(tr) Transient Response: Rise Time Vcc+ = 30V, Vcc- = Gnd 1 uS 7, 8A, 8B TR(os) Transient Response: Overshoot Vcc+ = 30V, Vcc- = Gnd 50 % 7, 8A, 8B ±Sr Slew Rate: Rise Vcc+ = 30V, Vcc- = Gnd 0.1 V/uS 7, 8A, 8B Slew Rate: Fall Vcc+ = 30V, Vcc- = Gnd 0.1 V/uS 7, 8A, 8B www.national.com 9 |
同様の部品番号 - LM124AW |
|
同様の説明 - LM124AW |