データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119H-SMD データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM119H-SMD
部品情報  HIGH SPEED DUAL COMPARATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM119H-SMD データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM119H-SMD Datasheet HTML 2Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 3Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 4Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 5Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 6Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 7Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 8Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 9Page - National Semiconductor (TI) LM119H-SMD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MDLM119-X REV 2A2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vsat
Output Saturation
Voltage
Vcc = +15V, Iout = 25mA, Vin < -5mV
1
1.5
V
1, 2,
3
+Vcc = 3.5V, -Vcc = -1V, Vin < -6mV,
Isink < 3.2mA
0.4
V
1, 2
0.6
V
3
Av
Voltage Gain
+Vcc = +15V, Delta Vout = 12V
4
10.5
K
4
4
10
K
5, 6
Vcc = 5V, Delta Vout = 4.5V
2, 4
8
K
4
2, 4
5
K
5
2, 4
5.8
K
6
CMRR
Common Mode
Rejection Ratio
+Vcc = +15V, Vcm = +12V
80
dB
4
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcm = 0V.
Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 ONLY.
Icc+
Positive Supply
Current
+Vcc = +15V
-1
1
mA
1
Icc-
Negative Supply
Current
+Vcc = +15V
-0.5
0.5
mA
1
Vio
Input Offset
Voltage
Vcc = 5V, Vcm = 1V, Rs < 5K
-0.4
0.4
mV
1
Note 1:
Vin > 8mV at extremes for Ileak and Vin < -8mV at extremes for Vsat (Vin to exceed
Vos).
Note 2:
5 Volt differential across +Vcc and -Vcc.
Note 3:
Parameter guaranteed by Vio and Iio tests.
Note 4:
K = V/mV.
6


同様の部品番号 - LM119H-SMD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119H-SMD TI1-LM119H-SMD Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119H-SMD TI-LM119H-SMD Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119H-SMD TI-LM119H-SMD Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119H-SMD TI1-LM119H-SMD Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119H-SMD TI1-LM119H-SMD Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
More results

同様の説明 - LM119H-SMD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com