データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119J-SMD データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM119J-SMD
部品情報  HIGH SPEED DUAL COMPARATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM119J-SMD データシート(HTML) 3 Page - National Semiconductor (TI)

  LM119J-SMD Datasheet HTML 1Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 2Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 3Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 4Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 5Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 6Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 7Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 8Page - National Semiconductor (TI) LM119J-SMD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MICROCIRCUIT DATA SHEET
MDLM119-X REV 2A2
(Absolute Maximum Ratings)
(Note 1)
Total Supply Voltage
36V
Output to Negative Supply Voltage
36V
Ground to Negative Supply Voltage
25V
Ground to Positive Supply Voltage
18V
Differential Input Voltage
+5V
Input Voltage
(Note 3)
+15V
Power Dissipation
(Note 2)
500mW
Output Short Circuit Duration
10 seconds
Maximum Junction Temperature
150 C
Storage Temperature Range
-65 C to 150 C
Lead Temperature
260 C
(Soldering, 10 seconds)
Thermal Resistance
ThetaJA
89 C/W
E Package
(Still Air)
63 C/W
E Package
(500LF/Min Air flow)
162 C/W
H Package
(Still Air)
88 C/W
H Package
(500LF/Min Air flow)
94 C/W
J Package
(Still Air)
52 C/W
J Package
(500LF/Min Air flow)
215 C/W
W Package
(Still Air)
132 C/W
W Package
(500LF/Min Air flow)
215 C/W
WG Package (Still Air)
132 C/W
WG Package (500LF/Min Air flow)
ThetaJC
5 C/W
E Package
31 C/W
H Package
11 C/W
J Package
13 C/W
W Package
13 C/W
WG Package
Package Weight
TBD
E Package
TBD
H Package
TBD
J Package
TBD
W Package
225mg
WG Package
ESD Tolerance
(Note 4)
800V
3


同様の部品番号 - LM119J-SMD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119J-SMD TI1-LM119J-SMD Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-SMD TI-LM119J-SMD Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-SMD TI-LM119J-SMD Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-SMD TI1-LM119J-SMD Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-SMD TI1-LM119J-SMD Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
More results

同様の説明 - LM119J-SMD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com