データシートサーチシステム |
|
LM124AWGLQMLV データシート(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM124AWGLQMLV データシート(HTML) 10 Page - National Semiconductor (TI) |
10 / 27 page LM124A RAD HARD — AC Electrical Characteristics (Note 10) (The following conditions apply to all the following parameters, unless otherwise specified.) AC: +Vcc = 30V, -Vcc = 0V SYMBOL PARAMETER CONDITIONS NOTES MIN MAX UNIT SUB- GROUPS NI(BB) Noise Broadband +Vcc = 15V, -Vcc = -15V, BW = 10Hz to 5KHz 15 uVrm s 7 NI(PC) Noise Popcorn +Vcc = 15V, -Vcc = -15V, Rs = 20K Ohms, BW = 10Hz to 5KHz 50 uVpK 7 Cs Channel Separation +Vcc = 30V, -Vcc = Gnd, Rl = 2K Ohms 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,AtoB 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,AtoC 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,AtoD 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,BtoA 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,BtoC 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,BtoD 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,CtoA 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,CtoB 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,CtoD 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,DtoA 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,DtoB 80 dB 7 Rl = 2K Ohms, Vin=1Vand 16V,DtoC 80 dB 7 www.national.com 10 |
同様の部品番号 - LM124AWGLQMLV |
|
同様の説明 - LM124AWGLQMLV |