データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119W-QMLV データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM119W-QMLV
部品情報  HIGH SPEED DUAL COMPARATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM119W-QMLV データシート(HTML) 5 Page - National Semiconductor (TI)

  LM119W-QMLV Datasheet HTML 1Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 2Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 3Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 4Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 5Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 6Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 7Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 8Page - National Semiconductor (TI) LM119W-QMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MDLM119-X REV 2A2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Icc+
Positive Supply
Current
+Vcc = +15V
11
mA
1
11.5
mA
2, 3
Icc-
Negative Supply
Current
+Vcc = +15V
-4.2
mA
1
-4.5
mA
2
-6
mA
3
Ileak
Output Leakage
Current
+Vcc = 15V, -Vcc = -1V, Vgnd = 0V,
Vout = 35V
1
1.8
uA
1
1
10
uA
2, 3
Iib
Input Bias
Current
+Vcc = +15V
0.475
uA
1
0.95
uA
2, 3
Vcc = 5V
2
0.475
uA
1
2
.95
uA
2, 3
Vio
Input Offset
Voltage
Vcc = 5V, Vcm = 1V, Rs < 5K
2
-3.8
3.8
mV
1
2
-6.8
6.8
mV
2, 3
Vcc = 5V, Vcm = 3V, Rs < 5K
2
-3.8
3.8
mV
1
2
-6.8
6.8
mV
2, 3
+Vcc = +15V, Vcm = 12V, Rs < 5K
-3.8
3.8
mV
1
-6.8
6.8
mV
2, 3
+Vcc = +15V, Vcm = -12V, Rs < 5K
-3.8
3.8
mV
1
-6.8
6.8
mV
2, 3
Iio
Input Offset
Current
Vcc = 5V, Vcm = 1V
2
-75
75
nA
1
2
-100
100
nA
2, 3
Vcc = 5V, Vcm = 3V
2
-75
75
nA
1
2
-100
100
nA
2, 3
+Vcc = +15V, Vcm = 12V
-75
75
nA
1
-100
100
nA
2, 3
+Vcc = +15V, Vcm = -12V
-75
75
nA
1
-100
100
nA
2, 3
Vi
Input Voltage
Range
Vcc = 5V
2, 3
1
3
V
1, 2,
3
Vcc = +15V
3
-12
12
V
1, 2,
3
5


同様の部品番号 - LM119W-QMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119W-QMLV TI1-LM119W-QMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results

同様の説明 - LM119W-QMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com