データシートサーチシステム |
|
LM119WG-QMLV データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM119WG-QMLV データシート(HTML) 3 Page - National Semiconductor (TI) |
3 / 18 page MICROCIRCUIT DATA SHEET MDLM119-X REV 2A2 (Absolute Maximum Ratings) (Note 1) Total Supply Voltage 36V Output to Negative Supply Voltage 36V Ground to Negative Supply Voltage 25V Ground to Positive Supply Voltage 18V Differential Input Voltage +5V Input Voltage (Note 3) +15V Power Dissipation (Note 2) 500mW Output Short Circuit Duration 10 seconds Maximum Junction Temperature 150 C Storage Temperature Range -65 C to 150 C Lead Temperature 260 C (Soldering, 10 seconds) Thermal Resistance ThetaJA 89 C/W E Package (Still Air) 63 C/W E Package (500LF/Min Air flow) 162 C/W H Package (Still Air) 88 C/W H Package (500LF/Min Air flow) 94 C/W J Package (Still Air) 52 C/W J Package (500LF/Min Air flow) 215 C/W W Package (Still Air) 132 C/W W Package (500LF/Min Air flow) 215 C/W WG Package (Still Air) 132 C/W WG Package (500LF/Min Air flow) ThetaJC 5 C/W E Package 31 C/W H Package 11 C/W J Package 13 C/W W Package 13 C/W WG Package Package Weight TBD E Package TBD H Package TBD J Package TBD W Package 225mg WG Package ESD Tolerance (Note 4) 800V 3 |
同様の部品番号 - LM119WG-QMLV |
|
同様の説明 - LM119WG-QMLV |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |