データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN65LBC172A データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN65LBC172A
部品情報  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC172A データシート(HTML) 3 Page - Texas Instruments

  SN65LBC172A Datasheet HTML 1Page - Texas Instruments SN65LBC172A Datasheet HTML 2Page - Texas Instruments SN65LBC172A Datasheet HTML 3Page - Texas Instruments SN65LBC172A Datasheet HTML 4Page - Texas Instruments SN65LBC172A Datasheet HTML 5Page - Texas Instruments SN65LBC172A Datasheet HTML 6Page - Texas Instruments SN65LBC172A Datasheet HTML 7Page - Texas Instruments SN65LBC172A Datasheet HTML 8Page - Texas Instruments SN65LBC172A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN65LBC172A, SN75LBC172A
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SLLS447B – OCTOBER 2000 – REVISED MAY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent input and output schematic diagrams
VCC
A, G, or G Input
1 k
9 V
Input
100 k
VCC
Output
16 V
Y or Z Output
16 V
20 V
17 V
16 V
16 V
absolute maximum ratings
Supply voltage range, VCC (see Note 1)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any bus (steady state)
–10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any bus (transient pulse through 100 Ω, see Figure 8)
–30 V to 30 V
. . . . . . . . . . .
Input voltage range, VI, at any A, G, or G terminal
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Human body model (see Note 2)
Y, Z, and GND
13 kV
. . . . . . . . . . . . . . . . . . . . .
All pins
5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-device model (see Note 3) All pins
1 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to GND.
2. Tested in accordance with JEDEC standard 22, Test Method A114–A.
3. Tested in accordance with JEDEC standard 22, Test Method C101.
DISSIPATION RATING TABLE
PACKAGE
JEDEC
BOARD
MODEL
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
16 PIN DW
Low K
1200 mW
9.6 mW/
°C
769 mW
625 mW
16-PIN DW
High K
2240 mW
17.9 mW/
°C
1434 mW
1165 mW
20 PIN DW
Low K
1483 mW
11.86 mW/
°C
949 mW
771 mW
20-PIN DW
High K
2753 mW
22 mW/
°C
1762 mW
1432 mW
16-PIN N
Low K
1150 mW
9.2 mW/
°C
736 mW
598 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted with no air flow.


同様の部品番号 - SN65LBC172A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN65LBC172A TI1-SN65LBC172A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A16DW TI1-SN65LBC172A16DW Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A16DWG4 TI1-SN65LBC172A16DWG4 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A16DWR TI1-SN65LBC172A16DWR Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172ADW TI1-SN65LBC172ADW Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results

同様の説明 - SN65LBC172A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com