データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6673BZ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDS6673BZ
部品情報  P-Channel PowerTrench MOSFET -30V, -14.5A, 7.8m Ohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6673BZ データシート(HTML) 2 Page - Fairchild Semiconductor

  FDS6673BZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6673BZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6673BZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6673BZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6673BZ Datasheet HTML 5Page - Fairchild Semiconductor FDS6673BZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6673BZ Rev. B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250µA, referenced to
25°C
-20
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -24V, VGS = 0V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±25V, VDS = 0V
±10
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-1
-1.9
-3
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250µA, referenced to
25°C
8.1
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -10V , ID = -14.5A
6.5
7.8
m
VGS = -4.5V, ID = -12A
9.6
12
VGS = -10V, ID = -14.5A
TJ = 125oC
9.7
12
gFS
Forward Transconductance
VDS = -5V, ID = -14.5A
60
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
3500
4700
pF
Coss
Output Capacitance
600
800
pF
Crss
Reverse Transfer Capacitance
600
900
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -15V, ID = -1A
VGS = -10V, RGS = 6Ω
14
26
ns
tr
Rise Time
16
29
ns
td(off)
Turn-Off Delay Time
225
36
ns
tf
Fall Time
105
167
ns
Qg
Total Gate Charge
VDS = -15V, VGS = -10V,
ID = -14.5A
88
124
nC
Qg
Total Gate Charge
VDS = -15V, VGS = -5V,
ID = -14.5A
46
65
nC
Qgs
Gate to Source Gate Charge
8
nC
Qgd
Gate to Drain Charge
23.5
nC
(Note 2)
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage VGS = 0V, IS = -2.1A
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = 14.5A, di/dt = 100A/µs
45
ns
Qrr
Reverse Recovery Charge
IF = 14.5A, di/dt = 100A/µs
34
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
3: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
a) 50 oC/W (10 sec)
when mounted on a 1 in2
pad of 2 oz copper
b) 105 oC/W when mounted
on a .04 in2 pad of 2 oz
copper
c) 125 oC/W when mounted
on a minimun pad


同様の部品番号 - FDS6673BZ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDS6673BZ-F085 ONSEMI-FDS6673BZ-F085 Datasheet
510Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
September-2017, Rev. 2
logo
VBsemi Electronics Co.,...
FDS6673BZ-NL VBSEMI-FDS6673BZ-NL Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - FDS6673BZ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDS6673BZ-F085 ONSEMI-FDS6673BZ-F085 Datasheet
510Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com