データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS9412A データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDS9412A
部品情報  N-Channel PowerTrench MOSFET 30V, 8A, 21mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9412A データシート(HTML) 2 Page - Fairchild Semiconductor

  FDS9412A Datasheet HTML 1Page - Fairchild Semiconductor FDS9412A Datasheet HTML 2Page - Fairchild Semiconductor FDS9412A Datasheet HTML 3Page - Fairchild Semiconductor FDS9412A Datasheet HTML 4Page - Fairchild Semiconductor FDS9412A Datasheet HTML 5Page - Fairchild Semiconductor FDS9412A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS9412A Rev. A1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to
25°C
22
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24V,
VGS = 0V
1
µA
TJ = 150°C
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
±100
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
1.9
2.5
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to
25°C
-5.8
mV/°C
rDS(on)
Drain to Source On Resistance
VGS =10V , ID = 8A
14
21
m
VGS = 4.5V, ID = 6.6A
18
25
VGS = 10V, ID = 8A
TJ = 150oC
20
30
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS =15V, VGS = 0V,
f = 1MHz
740
985
pF
Coss
Output Capacitance
150
200
pF
Crss
Reverse Transfer Capacitance
95
145
pF
RG
Gate Resistance
f = 1MHz
3
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
VDD = 15V, ID = 1A
VGS = 10V, RGS = 6Ω
5
10
ns
tr
Rise Time
13
23
ns
td(off)
Turn-Off Delay Time
13
24
ns
tf
Fall Time
12
22
ns
Qg
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 8A
IG=1.0mA
14
20
nC
Qg
Total Gate Charge at 5V
VGS = 0V to 5V
8
12
nC
Qgs
Gate to Source Gate Charge
2.3
nC
Qgd
Gate to Drain “Miller” Charge
3.0
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Voltage
VGS = 0V, IS = 8A
0.85
1.25
V
VGS = 0V, IS = 2.1A
0.76
1.0
V
trr
Reverse Recovery Time
IF = 8A, di/dt = 100A/µs
18
27
ns
Qrr
Reverse Recovery Charge
IF = 8A, di/dt = 100A/µs
9.6
14
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
2: Pulse Test:Pulse Width <300
µs, Duty Cycle <2.0%.
3: Starting TJ = 25oC, L = 3mH, IAS = 6A, VDD = 30V, VGS = 10V.
Scale 1 : 1 on letter size paper
a) 50°C/W when
mounted on a 1 in2
pad of 2 oz copper
minimun pad
c) 125°C/W when
mounted on a
b)105°C/W when
mounted on a .04 in2
pad of 2 oz copper


同様の部品番号 - FDS9412A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS9412 FAIRCHILD-FDS9412 Datasheet
230Kb / 8P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results

同様の説明 - FDS9412A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com