データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IDQS34X245 データシート(PDF) 5 Page - Integrated Device Technology

部品番号 IDQS34X245
部品情報  QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDQS34X245 データシート(HTML) 5 Page - Integrated Device Technology

  IDQS34X245 Datasheet HTML 1Page - Integrated Device Technology IDQS34X245 Datasheet HTML 2Page - Integrated Device Technology IDQS34X245 Datasheet HTML 3Page - Integrated Device Technology IDQS34X245 Datasheet HTML 4Page - Integrated Device Technology IDQS34X245 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
IDTQS34X245
HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDTQS XXXXXX
XX
Package
Device Type
Blank
Industrial (-40°C to +85°C)
80-pin Millipaq
80-pin Millipaq - Green
Q3
Q3G
34X245
High-Speed CMOS Quickswitch 32-Bit Multiwidth Bus Switches
X
Process


同様の部品番号 - IDQS34X245

メーカー部品番号データシート部品情報
logo
TDK Electronics
IDQ TDK-IDQ Datasheet
1Mb / 6P
   300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
March 2nd, 2023 V2
IDQ48010A480V-001-R TDK-IDQ48010A480V-001-R Datasheet
852Kb / 2P
   10A, 75VDC EMI Filters
IDQ48010A480V-002-R TDK-IDQ48010A480V-002-R Datasheet
852Kb / 2P
   10A, 75VDC EMI Filters
IDQ48010A480V-003-R TDK-IDQ48010A480V-003-R Datasheet
852Kb / 2P
   10A, 75VDC EMI Filters
More results

同様の説明 - IDQS34X245

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Renesas Technology Corp
IDTQS34X245 RENESAS-IDTQS34X245 Datasheet
381Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
IDTQS34X2245 RENESAS-IDTQS34X2245 Datasheet
400Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
logo
Integrated Device Techn...
IDTQS32XR245 IDT-IDTQS32XR245 Datasheet
54Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16-BIT LOW RESISTANCE MULTIWIDTH BUS SWITCH
IDTQS34XR245 IDT-IDTQS34XR245 Datasheet
58Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT LOW RESISTANCE MULTIWIDTHTM BUS SWITCHES
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com