データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS390N データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DM74ALS390N
部品情報  Dual 4-Bit Decade Counters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74ALS390N データシート(HTML) 2 Page - National Semiconductor (TI)

  DM74ALS390N Datasheet HTML 1Page - National Semiconductor (TI) DM74ALS390N Datasheet HTML 2Page - National Semiconductor (TI) DM74ALS390N Datasheet HTML 3Page - National Semiconductor (TI) DM74ALS390N Datasheet HTML 4Page - National Semiconductor (TI) DM74ALS390N Datasheet HTML 5Page - National Semiconductor (TI) DM74ALS390N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Rating
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54ALS
b
55 Cto a125 C
DM74ALS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54ALS390
DM74ALS390
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
45
5
55
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
fCOUNT
Count Frequency
A Input
0
0
MHz
B Input
0
0
tW
Pulse Width
A Input High
A Input Low
ns
B Input High
Clear High
tSU
Clear Inactive-State Setup Time
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended free air temperature range
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIC
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output Voltage
VCC e 45V to 55V IOH eb04 mA
VCC b 2V
VOL
Low Level Output
VCC e Min
5474ALS
025
04
Voltage
IOL e 4mA
V
74ALS
035
05
IOL e 8mA
II
Input Current at Max VI e 7V
VCC e Max VI e 7V
Clear
100
Input Voltage
Input A
200
m
A
Input B
300
IIH
High Level Input
VCC e Max VI e 27V
Clear
20
Current
Input A
40
m
A
Input B
60
IIL
Low Level Input
VCC e Max VI e 04V
Clear
b
100
Current
Input A
b
200
m
A
Input B
b
300
IO
Output Drive Current
VCC e Max VO e 225V
b
30
b
112
mA
(B Bus Ports Only)
ICC
Supply Current
VCC e Max (Note 1)
mA
2


同様の部品番号 - DM74ALS390N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
DM74ALS30AM FAIRCHILD-DM74ALS30AM Datasheet
59Kb / 5P
   8-Input NAND Gate
DM74ALS30AN FAIRCHILD-DM74ALS30AN Datasheet
59Kb / 5P
   8-Input NAND Gate
DM74ALS30ASJ FAIRCHILD-DM74ALS30ASJ Datasheet
59Kb / 5P
   8-Input NAND Gate
DM74ALS32 FAIRCHILD-DM74ALS32 Datasheet
60Kb / 5P
   Quad 2-Input OR Gate
More results

同様の説明 - DM74ALS390N

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
   Dual 4-bit Decade Counters
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
[Old version datasheet]   DUAL 4-BIT DECADE COUNTERS
logo
Renesas Technology Corp
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
   Dual 4-bit Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
[Old version datasheet]   DUAL 4 BIT DECADE OR BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI-SN54390_08 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com