データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCVF2509A データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCVF2509A
部品情報  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2509A データシート(HTML) 2 Page - Texas Instruments

  CDCVF2509A Datasheet HTML 1Page - Texas Instruments CDCVF2509A Datasheet HTML 2Page - Texas Instruments CDCVF2509A Datasheet HTML 3Page - Texas Instruments CDCVF2509A Datasheet HTML 4Page - Texas Instruments CDCVF2509A Datasheet HTML 5Page - Texas Instruments CDCVF2509A Datasheet HTML 6Page - Texas Instruments CDCVF2509A Datasheet HTML 7Page - Texas Instruments CDCVF2509A Datasheet HTML 8Page - Texas Instruments CDCVF2509A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
CDCVF2509A
SCAS765A – APRIL 2004 – REVISED JULY 2004
Unlike many products containing PLLs, the CDCVF2509A does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDCVF2509A requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application of a
fixed-frequency, fixed-phase signal at CLK, and following any changes to the PLL reference or feedback signals.
The PLL can be bypassed by strapping AVCC to ground to use as a simple clock buffer.
The CDCVF2509A is characterized for operation from 0
°C to 85°C.
For application information, see application reports High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (SLMA003) and Using CDC2509A/2510A PLL with Spread Spectrum Clocking
(SSC) (SCAA039).
FUNCTION TABLE
Inputs
Outputs
PLL
AVDD
1G/2G
CLK
1Y/2Y
FBOUT
GND
H
L
L
L
Bypassed / Off
GND
H
H
H
H
Bypassed / Off
GND
L
L
L
L
Bypassed / Off
GND
L
H
L
H
Bypassed / Off
GND
L
Toggling
L
Toggling in phase to CLK
Bypassed / Off
3.3 V (nom)
L
H
L
L
On
3.3 V (nom)
L
Toggling
L
Toggling in phase to CLK
On
3.3 V (nom)
H
L
L
L
On
3.3 V (nom)
H
H
H
H
On
3.3 V (nom)
H
Toggling
Toggling in phase to CLK
Toggling in phase to CLK
On
3.3 V (nom)
X
< 1 MHz
L
L
Off
2


同様の部品番号 - CDCVF2509A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCVF2509A TI1-CDCVF2509A Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APW TI1-CDCVF2509APW Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWG4 TI1-CDCVF2509APWG4 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWR TI1-CDCVF2509APWR Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWRG4 TI1-CDCVF2509APWRG4 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
More results

同様の説明 - CDCVF2509A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCVF2510APWR TI-CDCVF2510APWR Datasheet
551Kb / 17P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI1-CDCVF2510A_15 Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI-CDCVF2510A Datasheet
166Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509A TI1-CDCVF2509A_15 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com