データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4681SQ データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM4681SQ
部品情報  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4681SQ データシート(HTML) 4 Page - National Semiconductor (TI)

  LM4681SQ Datasheet HTML 1Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 2Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 3Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 4Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 5Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 6Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 7Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 8Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
16V
Input Voltage
−0.3V to V
DD
+0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility(Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature (Note 6)
150˚C
Storage Temperature
−65˚C
≤ T
A
≤ 150˚C
Soldering Information
LLP Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
9V
≤ V
DD
≤ 15.5V
Thermal Resistance (LLP Package)
θ
JA
28˚C/W
θ
JC
20˚C/W
Electrical Characteristics (Notes 1, 2, 7)
The following specifications apply for V
DD = 12V, I
2CV
DD = 5V, RL =8
Ω, LC filter values as shown in Figure 1, unless other-
wise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4681
Units
Typical
Limit
V
DD
Operating Supply Voltage Range
12
15.5
9
V (max)
V (min)
I
S
Quiescent Power Supply Current,
Class D Mode
V
IN =0VRMS,VHPSEL =0V
50
70
mA
(max)
I
S
Quiescent Power Supply Current,
Headphone Mode
V
IN =0VRMS,VHPSEL =VDD
22
30
mA
(max)
I
SD
Quiescent Power Supply Current,
Shutdown Mode
V
SD = 5V
0.1
mA
R
IN
Input Resistance in Both Modes
8
k
I
2CV
DD
I
2C / SPI Logic Supply Voltage
5.5
3
V (max)
V (min)
V
IH
Minimum High Level Input
Voltage
I
2C/SPI Interface pins
0.7 x
I
2CV
DD
V (min)
V
IL
Maximum Low Level Input
Voltage
0.3 x
I
2CV
DD
V (max)
V
HPIH
HP Sense High Input Voltage
V
DD – 1
V (min)
V
HPIL
HP Sense Low Input Voltage
V
DD/2
V (max)
Power Amplifiers
P
O
Maximum Output Power, Per
Channel
THD+N
≤ 1%, f
IN = 1kHz
6.0
5.3
W (min)
THD+N
≤ 10%, V
DD = 14V,
f
IN = 1kHz
10
W
P
D1
Power Dissipation
P
O = 6W/Chan, fIN = 1kHz
1.17
W
E
FF1
Efficiency
P
O = 6W/Chan, fIN = 1kHz
85
%
THD+N
Harmonic Distortion + Noise
P
O = 1W/Chan, fIN = 1kHz
0.11
%
V
NOISE
Output Noise Voltage
R
SOURCE =50
Ω,C
IN = 1µF,
BW = 8Hz to 22kHz,
A-weighted, input referred
10
µV
www.national.com
4


同様の部品番号 - LM4681SQ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
   10W High-Efficiency Mono BTL Audio Power Amplifier
LM4680SD NSC-LM4680SD Datasheet
754Kb / 11P
   10W High-Efficiency Mono BTL Audio Power Amplifier
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
LM4682SQ NSC-LM4682SQ Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
More results

同様の説明 - LM4681SQ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
   3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
   16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com