データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK16C68-S45I データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 STK16C68-S45I
部品情報  8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

STK16C68-S45I データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  STK16C68-S45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK16C68-S45I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 1999
4-73
STK16C68
8K x 8 AutoStorePlus™ nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• Transparent Data Save on Power Down
• Internal Capacitor Guarantees AutoStore™
Regardless of Power-Down Slew Rate
• Nonvolatile Storage without Battery Problems
• Directly Replaces 8K x 8 Static RAM, Battery-
Backed RAM or EEPROM
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by Software or
AutoStorePlus™ on Power Down
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial
Temperature Range
• No Data Loss from Undershoot
• Commercial and Industrial Temperatures
• 28-Pin 600 mil PDIP and 350 mil SOIC Packages
DESCRIPTION
The STK16C68 is a fast SRAM with a nonvolatile
EEPROM
element incorporated in each static memory
cell. The SRAM can be read and written an unlimited
number of times, while independent nonvolatile data
resides in EEPROM. Data transfers from the SRAM to
the EEPROM (the STORE operation) can take place
automatically on power down. An internal capacitor
guarantees the STORE operation regardless of power-
down slew rate. Transfers from the EEPROM to the
SRAM
(the RECALL operation) take place automatically
on restoration of power. Initiation of STORE and
RECALL
cycles can also be controlled by entering con-
trol sequences on the SRAM inputs. The STK16C68 is
pin-compatible with 8k x 8 SRAMs and battery-backed
SRAM
s, allowing direct substitution while enhancing
performance. The STK12C68, which uses an external
capacitor, and the STK15C68, which uses charge
stored in system capacitance, are alternatives for sys-
tems needing AutoStore™ operation.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
EEPROM ARRAY
128 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
VCC
A0 - A12
G
E
W
A8
A7
A10
A3
A2
A0 A1
A4
INTERNAL
CAPACITOR
PIN NAMES
A0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 5V)
VSS
Ground
PIN CONFIGURATIONS
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 600 PDIP
28 - 350 SOIC*
*see order info


同様の部品番号 - STK16C68-S45I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK16C68-W25 SIMTEK-STK16C68-W25 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-W25I SIMTEK-STK16C68-W25I Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-W35 SIMTEK-STK16C68-W35 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-W35I SIMTEK-STK16C68-W35I Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-W45 SIMTEK-STK16C68-W45 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

同様の説明 - STK16C68-S45I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9