データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM104 データシート(PDF) 1 Page - DAESAN ELECTRONIC CORP.

部品番号 SM104
部品情報  CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAESAN [DAESAN ELECTRONIC CORP.]
ホームページ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SM104 データシート(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SM104 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SM104 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM101 THRU SM107
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· For surface mounted applications
· Glass passivated junction
· High temperature soldering guaranteed: 250℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC MELF(DO-41) molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.0041 ounce, 0.116 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Reverse recovery time test condition : IF=0.5A, IR=1.0A, IRR=0.25A
(2) Measured at 1MHz and applied reverse voltage of 4.0V DC.
CURRENT 1.0 Ampere
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length at TA=55℃
Maximum instantaneous forward voltage
at 1.0A
VRRM
50
Volts
Symbols
SM101
Units
1.3
VF
VRMS
1.0
Amps
IFSM
TJ
TSTG
100
-55 to +175
Volts
Amp
Maximum DC reverse current
at rated DC blocking voltage
Typical thermal resistance
Maximun reverse recovery time (Note 1)
Operating and storage temperature range
SM102 SM103 SM104 SM105 SM106 SM107
35
50
5.0
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Volts
μA
℃/W
ns
I(AV)
IR
trr
JA
TA=25℃
TA=100℃
150
250
500
50
30.0
(Note 2)
Dimensions in inches and (millimeters)
MELF (DO-41)
0.205(5.20)
0.190(4.80)
0.024(0.60)
0.018(0.46)
SOLDERABLE ENDS
0.105(2.70)
0.095(2.40)


同様の部品番号 - SM104

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SM104 SUNMATE-SM104 Datasheet
325Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
List of Unclassifed Man...
SM104.SA ETC2-SM104.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
SeCoS Halbleitertechnol...
SM1040C SECOS-SM1040C Datasheet
160Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1040C SECOS-SM1040C Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM1040D SECOS-SM1040D Datasheet
72Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - SM104

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
HEM101 DAESAN-HEM101 Datasheet
251Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
RS101 DAESAN-RS101 Datasheet
255Kb / 2P
   CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
US1AFL RECTRON-US1AFL Datasheet
344Kb / 5P
   VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
logo
DAESAN ELECTRONIC CORP.
R1A1 DAESAN-R1A1 Datasheet
193Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50V TO 1000 VOLTS
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com