データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ5.0A データシート(PDF) 4 Page - DAESAN ELECTRONIC CORP.

部品番号 SMAJ5.0A
部品情報  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAESAN [DAESAN ELECTRONIC CORP.]
ホームページ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMAJ5.0A データシート(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  SMAJ5.0A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMAJ5.0A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMAJ5.0A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMAJ5.0A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES SMAJ5.0 THRU SMAJ188CA
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T A ,
Ambient Temperature ( C )
1
5
10
50
100
tp ,
P ulse Duration (sec)
Fig. 2Ð P uls e Derating C urve
Fig. 1ÐP eak P uls e P ower R ating C ur ve
0.1
1
10
100
0.1μs
1.0μs
1 0μs
td , P ulse Width (sec.)
100μs
1.0ms
10ms
0.2 x 0.2" (5.0 x 5.0mm)
C opper P ad Areas
0.2 x 0.2" (5.0 x 5.0mm)
C opper P ad Areas
F ig. 5ÐT ypical Trans ient T hermal
Impedance
Non-repetitive P ulse
Waveform shown in F ig. 3
T A = 25
oC
F ig. 6 - Maximum Non-R epetitive F orwar d
S urge C urrent Uni-Directional Onl y
Number of C ycles at 60 Hz
10
100
1,000
10,000
10
1
100
200
VWM , R everse S tand-off Voltage (V)
T J = 25
oC
f = 1.0MHz
V sig = 50mV p-p
Measured at
S tand-Off
Voltage, V WM
Uni-Directional
B i-Directional
10
50
100
200
T J = TJ max.
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
Fig. 4Ð Typical J unction C apacitance
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
Fig. 3Ð P uls e Waveform
T J = 25
oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10μ S
P eak Value
IPPM
Half Value
IP P
IPPM
2
td
10/1000μ S W aveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t ,
Time (ms)
S MAJ 5.0 --
S MAJ 78
S MAJ 85 --
S MAJ 188


同様の部品番号 - SMAJ5.0A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ5.0A JGD-SMAJ5.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
SMAJ5.0A BOURNS-SMAJ5.0A Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
MERITEK ELECTRONICS COR...
SMAJ5.0A MERITEK-SMAJ5.0A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ5.0A SOCAY-SMAJ5.0A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Vishay Siliconix
SMAJ5.0A VISHAY-SMAJ5.0A Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

同様の説明 - SMAJ5.0A

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com