データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML1538 データシート(PDF) 4 Page - Minilogic Device Corporation Limited

部品番号 ML1538
部品情報  4-ch Motor Driver for Portable CD players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINILOGIC [Minilogic Device Corporation Limited]
ホームページ  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1538 データシート(HTML) 4 Page - Minilogic Device Corporation Limited

  ML1538 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
_______________________________________________________________
ML1538
4ch Motor Driver for Portable CD Player
March, 2004 V1.0
Pin Description
Pin No. Pin Name I/O
Function
Internal Equivalent Circuit
1
BSEN
Input
Battery Voltage Monitor
2
BATT
Input
Battery Power Supply Input
Power Supply
3
RESET
Output Reset Detect Output
4
DEAD
Input
DEAD Time Setting
5
SW
Output Transistor Drive For Voltage
Multiplier
6
EO
Output Error Amplifier Output
4/17


同様の部品番号 - ML1538

メーカー部品番号データシート部品情報
logo
SL Power Electronics
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
374Kb / 7P
   DC Power Supplies
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
   5V, 3A, SINGLE PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
   24V, 0.63A, SINGLE PHASE INPUT
More results

同様の説明 - ML1538

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com