データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK6510C データシート(PDF) 5 Page - Asahi Kasei Microsystems

部品番号 AK6510C
部品情報  SPI bus 32K/64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6510C データシート(HTML) 5 Page - Asahi Kasei Microsystems

  AK6510C Datasheet HTML 1Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 2Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 3Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 4Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 5Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 6Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 7Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 8Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 5 -
Function Description
AK6510C/12C has six instructions.
The instruction can be input after the CS pin changes high to
low.
All the instructions are MSB first.
Instruction
Op-code
Address
Data
Description
READ
0000 X011
X X X A12-A8
A7-A0
D7-D0 (out)
Read from Memory Array
WRITE
0000 X010
X X X A12-A8
A7-A0
D7-D0 (in)
Write to Memory Array
WREN
0000 X110
------
------
Write Enable
WRDI
0000 X100
------
------
Write Disable
RDSR
0000 X101
Bit7-Bit0 (out)
------
------
Read Status Register
WRSR
0000 X001
Bit7-Bit0 (in)
------
------
Write Status Register
X: don’t care
AK6510C: A12 is don’t care
Table 1. Instruction set for AK6510C/12C
WREN (WRITE ENABLE) / WRDI (WRITE DISABLE)
The WRITE function can be accepted only in the status of Write Enable. After VCC is applied,
AK6510C/12C is in the status of Write Disable.
After the function of WRDI, AK6510C/12C cannot
accept any programming function.
WREN
WRDI
01234567
1
X
0
0
0
00
0
Hi-Z
CS
SCK
SI
SO
X = don’t care
01234567
1
X
0
0
0
01
0
Hi-Z
CS
SCK
SI
SO
X = don’t care


同様の部品番号 - AK6510C

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK6510CL AKM-AK6510CL Datasheet
64Kb / 2P
   8pin SONW
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results

同様の説明 - AK6510C

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com