データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YTD428 データシート(PDF) 9 Page - YAMAHA CORPORATION

部品番号 YTD428
部品情報  DSU LSI for the ISDN Terminal Equipment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAMAHA [YAMAHA CORPORATION]
ホームページ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD428 データシート(HTML) 9 Page - YAMAHA CORPORATION

Back Button YTD428 Datasheet HTML 5Page - YAMAHA CORPORATION YTD428 Datasheet HTML 6Page - YAMAHA CORPORATION YTD428 Datasheet HTML 7Page - YAMAHA CORPORATION YTD428 Datasheet HTML 8Page - YAMAHA CORPORATION YTD428 Datasheet HTML 9Page - YAMAHA CORPORATION YTD428 Datasheet HTML 10Page - YAMAHA CORPORATION YTD428 Datasheet HTML 11Page - YAMAHA CORPORATION YTD428 Datasheet HTML 12Page - YAMAHA CORPORATION YTD428 Datasheet HTML 13Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
- 9 -
t PR
t PF
t RPW
t RPW
t TPW
2.0 V
0.8 V
2.0 V
0.8 V
2.4 V
0.4 V
2.4 V
0.4 V
F
L
F
L
t TPW
t FD
t TRD
Transmit data slot
Receive data slot
LTD
HTD
LRD
HRD
Figure 1 Timing At T Ref. Pt. Interface
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
h
t
d
i
W
e
s
l
u
P
t
i
m
s
n
a
r
Tt W
P
T
0
0
.
58
0
2
.
50
4
.
5s
µ
h
t
d
i
W
e
s
l
u
P
e
v
i
e
c
e
Rt W
P
R
8
0
2
.
5s
µ
e
m
i
T
e
s
i
Rt R
P
0
6
2s
n
e
m
i
T
l
l
a
Ft F
P
0
3s
n
n
e
e
w
t
e
b
e
c
n
e
r
e
i
f
f
i
D
e
s
a
h
P
s
l
a
n
g
i
s
x
R
d
n
a
x
T
t D
R
T
1
e
t
o
N0
.
0
10
.
4
1s
µ
t D
R
T
2
e
t
o
N0
.
0
10
.
2
4s
µ
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
D
e
s
a
h
P
s
l
a
n
g
i
s
x
R
t H
P
,
1
e
t
o
N
3
e
t
o
N
0
.
4s
µ
t H
P
,
2
e
t
o
N
3
e
t
o
N
0
.
2s
µ
❒ AC Characteristics
s T Reference Point Receive Characteristic (NT mode)
(VDD = 5.0 V, Top = -20 ~ 70
°C, Load Capacity: CL = 50 pF)
Note 1
With respect to using the Fixed timing
Note 2
With respect to using the Adaptive timing
Note 3
This value shows the difference between two terminals which are connected with bus system.


同様の部品番号 - YTD428

メーカー部品番号データシート部品情報
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
More results

同様の説明 - YTD428

メーカー部品番号データシート部品情報
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
   ISDN DSU Analog Front End
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
List of Unclassifed Man...
PDIGTR ETC2-PDIGTR Datasheet
110Kb / 1P
   APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
logo
OKI electronic componet...
MSM6322 OKI-MSM6322 Datasheet
543Kb / 14P
   PITCH CONTROL LSI FOR THE SPEECH SIGNAL
logo
Asahi Kasei Microsystem...
AK2305 AKM-AK2305 Datasheet
481Kb / 43P
   Dual PCM CODEC for ISDN TERMINAL ADAPTER
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com