データシートサーチシステム |
|
TC-400-DAB-156C160 データシート(PDF) 2 Page - Vectron International, Inc |
|
TC-400-DAB-156C160 データシート(HTML) 2 Page - Vectron International, Inc |
2 / 2 page Temperature Compensated Crystal Oscillators (TCXO’s) TC-400 (14/4 Single DIP Series) Outline Drawing 10.000 12.800 13.000 16.384 19.440 20.000 20.480 27.000 34.368 38.880 40.000 44.736 51.840 60.000 77.760 114.00 155.52 Pin Function 1 See pin 1 options 7Gnd 8 Output 14 Supply (Vdd) Output Option A B F Output HCMOS/ACMOS 10 TTL PECL Voh min.. 0.8 (Vdd) +2.4 Vdc Vdd - 1.04 Vdc Vol max. +0.5 Vdc +0.5 Vdc Vcc -1.60 Vdc Load (typical) 100 k ohm // 10 pF 10 TTL 50 ohms to Vcc -2V Symmetry 50/50 ±10% 50/50 ±10% 50/50 ±10% Rise/Fall Time 5 ns max. 10 ns max. 3 ns max. Output Option G Output Sinewave Level 0 dBm to +6 dBm Load 50 ohm Harmonics/subs -20 dBc max. Other Spurious -60 dBc max. Ordering Information TC Temperature Range B-106 = ±1.0x10-6 over 0°C to +50°C B-156 = ±1.5x10-6 over 0°C to +50°C C-106 = ±1.0x10-6 over 0°C to +70°C C-156 = ±1.5x10-6 over 0°C to +70°C D-156 = ±1.5x10-6 over -20°C to +70°C D-206 = ± 2.0x10-6 over -20°C to +70°C F-156 = ±1.5x10-6 over -40°C to +85°C F-256 = ±2.5x10-6 over -40°C to +85°C Note: Other stabilities are available upon request. Output Frequency 2.0 MHz to 160 MHz 400 A D C 156 A 20.48 Product Family TC = TCXO Package 400 = 14/4 DIP Supply Voltage C = 5.0 Vdc ±5% D = 3.3 Vdc ±5% Output A = HCMOS/ACMOS B = 10 TTL D = PECL G = 0 dBm / 50 ohm MHz Pin 1 Options A = Electrical Frequency Adjust (Default) B = Tri-state or Enable/Disable C = No Connect Standard Frequencies (MHz) Output Levels Logic Sine Pin Out Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com (in.) 1 7 8 14 .002) .051 Dia (.200) 5.08 59 TCXO 8798_AA's Vectron 05/30/02 3:11 PM Page 59 |
同様の部品番号 - TC-400-DAB-156C160 |
|
同様の説明 - TC-400-DAB-156C160 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |