データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC695F-25SASB データシート(PDF) 10 Page - ATMEL Corporation

部品番号 TSC695F-25SASB
部品情報  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F-25SASB データシート(HTML) 10 Page - ATMEL Corporation

Back Button TSC695F-25SASB Datasheet HTML 6Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 7Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 8Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 9Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 10Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 11Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 12Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 13Page - ATMEL Corporation TSC695F-25SASB Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
TSC695F
4118H–AERO–06/03
It is possible to mask each individual interrupt (except Watchdog time-out). The interrupts in the Interrupt Pending Register
are cleared automatically when the interrupt is acknowledged.
By programming the Interrupt Shape Register, it is possible to define the external interrupts to either be active low or active
high and to define the external interrupts to either be edge or level sensitive.
Data access exception
(Error on data load)10
09h
Idem “instruction access”
System register access violation
Tag overflow
11
0Ah
TADDccTV and TSUBccTV instructions
Trap instructions
12
80h to FFh
Trap on integer condition codes (Ticc)
Table 4. Synchronous Traps (Continued)
Trap
Priority
Trap Type (tt) Comments
Table 5. Interrupts or Asynchronous Traps
Trap
Priority
Trap Type (tt) Comments
Watchdog time-out
13
1Fh
Internal or external (EWDINT pin)
External INT 4
14
1Eh
EXTINTAK on only one of EXTINT[4:0]
Real time clock timer
15
1Dh
General purpose timer
16
1Ch
External INT 3
17
1Bh
EXTINTAK on only one of EXTINT[4:0]
External INT 2
18
1Ah
EXTINTAK on only one of EXTINT[4:0]
DMA time-out
19
19h
DMA access error
20
18h
UART Error
21
17h
Correctable error in memory
22
16h
Data read OK but source not updated
UART B
Data ready
Transmitter ready
23
15h
UART A
Data ready
Transmitter ready
24
14h
External INT 1
25
13h
EXTINTAK on only one of EXTINT[4:0]
External INT 0
26
12h
EXTINTAK on only one of EXTINT[4:0]
Masked hardware errors
27
11h
Logical OR of:
IU hardware error masked
IU error mode masked
System hardware error masked


同様の部品番号 - TSC695F-25SASB

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC695F-25MA ATMEL-TSC695F-25MA Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MB-E ATMEL-TSC695F-25MB-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

同様の説明 - TSC695F-25SASB

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com