データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3069921 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 3069921
部品情報  Interruption plug - FIP-3/1 SERVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069921 データシート(HTML) 1 Page - PHOENIX CONTACT

  3069921 Datasheet HTML 1Page - PHOENIX CONTACT 3069921 Datasheet HTML 2Page - PHOENIX CONTACT 3069921 Datasheet HTML 3Page - PHOENIX CONTACT 3069921 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/3069921
09/12/2020   Page 1 / 4
Interruption plug - FIP-3/1 SERVICE - 3069921
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Interruption plug, number of positions: 1, width: 13.6 mm, color: green
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626136882
Technical data
General
Number of positions
1
Color
green
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
4 kV
Test surge voltage
5 kV
Overvoltage category
III
Insulating material group
I
Maximum load current
20 A
Nominal current IN
20 A
Nominal voltage UN
400 V
Open side panel
Yes
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C


同様の部品番号 - 3069921

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
3069920 PHOENIX-3069920 Datasheet
62Kb / 4P
   Interruption plug - FIP-3/2 SERVICE
09/12/2020
3069925 PHOENIX-3069925 Datasheet
53Kb / 2P
   Cover profile - FBP-3/14 TR
09/12/2020
More results

同様の説明 - 3069921

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
3069312 PHOENIX-3069312 Datasheet
62Kb / 4P
   Interruption plug - FIP-3/3 SERVICE
09/12/2020
3069313 PHOENIX-3069313 Datasheet
62Kb / 4P
   Interruption plug - FIP-3/4 SERVICE
09/12/2020
3069920 PHOENIX-3069920 Datasheet
62Kb / 4P
   Interruption plug - FIP-3/2 SERVICE
09/12/2020
logo
NEC
UPD16315 NEC-UPD16315 Datasheet
103Kb / 20P
   1/4- to 1/12-DUTY FIP(VFD) CONTROLLER/DRIVER
logo
List of Unclassifed Man...
A0709 ETC-A0709 Datasheet
145Kb / 1P
   CIRCUIT INTERRUPTION TECHNOLOGY INC
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
   1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
TE Connectivity Ltd
ENG_CD_2103172 TEC-ENG_CD_2103172 Datasheet
1Mb / 2P
   PLUG ASSEMBLY MANUAL SERVICE DISCONNECT
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
   Test plug - FTP-2/4 SERVICE
09/12/2020
logo
Chicago Miniature Lamp,...
CM1974 CML-CM1974 Datasheet
228Kb / 1P
   T-3 Special Service Halogen Lamp
logo
NEC
UPD6700 NEC-UPD6700 Datasheet
384Kb / 12P
   FIP STATIC DISPLAY DRIVER CMOS LSI
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com