データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2843AD1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 UC2843AD1
部品情報  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2843AD1 データシート(HTML) 1 Page - STMicroelectronics

  UC2843AD1 Datasheet HTML 1Page - STMicroelectronics UC2843AD1 Datasheet HTML 2Page - STMicroelectronics UC2843AD1 Datasheet HTML 3Page - STMicroelectronics UC2843AD1 Datasheet HTML 4Page - STMicroelectronics UC2843AD1 Datasheet HTML 5Page - STMicroelectronics UC2843AD1 Datasheet HTML 6Page - STMicroelectronics UC2843AD1 Datasheet HTML 7Page - STMicroelectronics UC2843AD1 Datasheet HTML 8Page - STMicroelectronics UC2843AD1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
UC284XA
UC384XA
May 2004
1
FEATURES
TRIMMED OSCILLATOR DISCHARGE
CURRENT
CURRENT MODE OPERATION TO 500kHz
AUTOMATIC FEED FORWARD
COMPENSATION
LATCHING PWM FOR CYCLE-BY-CYCLE
CURRENT LIMITING
INTERNALLY TRIMMED REFERENCE WITH
UNDERVOLTAGE LOCKOUT
HIGH CURRENT TOTEM POLE OUTPUT
UNDERVOLTAGE LOCKOUT WITH
HYSTERESIS
LOW START-UP CURRENT (< 0.5mA)
DOUBLE PULSE SUPPRESSION
2
DESCRIPTION
The UC384xA family of control ICs provides the
necessary features to implement off-line or DC to
DC fixed frequency current mode control schemes
with a minimal external parts count. Internally im-
plemented circuits include a trimmed oscillator for
precise DUTY CYCLE CONTROL under voltage
lockout featuring start-up current less than 0.5mA,
a precision reference trimmed for accuracy at the
error amp input, logic to insure latched operation,
a PWM comparator which also provides current
limit control, and a totem pole output stage de-
signed to source or sink high peak current. The
output stage, suitable for driving N-Channel MOS-
FETs, is low in the off-state.
Differences between members of this family are
the under-voltage lockout thresholds and maxi-
mum duty cycle ranges. The UC3842A and
UC3844A have UVLO thresholds of 16V (on) and
10V (off), ideally suited off-line applications The
corresponding thresholds for the UC3843A and
UC3845A are 8.5 V and 7.9V. The UC3842A and
UC3843A can operate to duty cycles approaching
100%. A range of the zero to < 50 % is obtained by
the UC3844A and UC3845A by the addition of an
internal toggle flip flop which blanks the output off
every other clock cycle.
NOT FOR NEW DESIGN
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Figure 2. Block Diagram (toggle flip flop used only in UC3844A and UC3845A)
UVLO
S/R
5V
REF
34V
INTERNAL
BIAS
VREF GOOD
LOGIC
2.50V
T
S
R
OSC
R1V
CURRENT
SENSE
COMPARATOR
2R
+
-
PWM
LATCH
7
5
4
2
1
3
8
6
ERROR AMP.
Vi
GROUND
RT/CT
VFB
COMP
CURRENT
SENSE
VREF
5V 50mA
OUTPUT
D95IN331
REV. 5
Figure 1. Package
Table 1. Order Codes
Part Number
Package
UC2842AD1; UC3842AD1;
UC2843AD1; UC3843AD1;
UC2844AD1; UC3844AD1;
UC2845AD1; UC3845AD1
SO-8
UC2842AN; UC3842AN;
UC2843AN; UC3843AN;
UC2844AN; UC3844AN;
UC2845AN; UC3845AN
DIP-8
SO-8
DIP-8


同様の部品番号 - UC2843AD1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UC2843AD1 STMICROELECTRONICS-UC2843AD1 Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2843AD1 STMICROELECTRONICS-UC2843AD1 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC2843AD1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com