データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4115E データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SC4115E
部品情報  TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC4115E データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC4115E Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4115E Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4115E Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
TOP
B
E
C
BACK
E
B
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-03A Plastic-Encapsulate Transistors
2SC4115E
TRANSISTOR
DESCRIPTION
NPN Epitaxial planar Silicon Transistor
FEATURES
Low VCE(sat).VCE(sat) = 0.2V (Typ.)(IC/IB = 2A/0.1A)
APPLICATION
Excellent current gain characteristics
For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM,
DVD-ROM, Note book PC, etc.)
MARKING:CFQ, CFR, CFS
C
CFQ
B
E
MAXIMUM RATINGS TA=25
unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
3
A
PD
Total Device Dissipation
150
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 50µA , IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA ,
IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=30V ,
IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V ,
IC=0
0.1
µA
DC current gain
hFE
VCE=2 V,
IC= 0.1A
120
560
Collector-emitter saturation voltage*
VCEsat
IC= 2A,
IB=0.1A
0.5
V
Transition frequency
fT
VCE=2V,
IC=0.5 A
f=100MHz
290
MHz
Collector output capacitance
Cobo
VCB=10V,IE=0,f=1MHz
25
pF
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
WBFBP-03A
(1.6×1.6×0.5)
unit: mm
1. BASE
2. EMITTER
3. COLLECTOR


同様の部品番号 - 2SC4115E

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SC4115 KEXIN-2SC4115 Datasheet
51Kb / 1P
   Low Frequency Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4115 HTSEMI-2SC4115 Datasheet
1Mb / 2P
   TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SC4115 SECOS-2SC4115 Datasheet
76Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC4115 BILIN-2SC4115 Datasheet
630Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
More results

同様の説明 - 2SC4115E

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
   TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
   Transistor transistor logic
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Jiangsu Changjiang Elec...
S9012M JIANGSU-S9012M Datasheet
194Kb / 3P
   TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com