データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM105NNCR01 データシート(PDF) 10 Page - Summit Microelectronics, Inc.

部品番号 SMM105NNCR01
部品情報  Single-Channel Supply Voltage Marginer and Active DC Output Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105NNCR01 データシート(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMM105NNCR01 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM105NNCR01 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
10
VOUT
C1 1uF
Vdd
The SMM105 and the DC-DC Converter
Can Operate with either 12V or VDD
If 12V is used, VDD can be left floating
If VDD is used, 12V can be left floating
R1
10K
C7
0.01uF
If the SMM105 internal VREF
is used, the VREF_CNTL pin
becomes an output
Vdd
J1
1
2
3
4
5
6
7
8
9
10
Gnd
SCL
Gnd3
SDA
Rsrv5
MR
+10V
Rsrv8
+5V
Rsrv10
U4 LM4121
1
3
4
5
Ref
EN
VIn
VOut
DC-DC ENABLE
C3
0.01uF
C8
0.1uF
t
RT2
~10K
R9
10K
C2
0.1uF
C6
0.1uF
FAULT#
C5
0.02uF
J1
Ext VRef
R2
10K
t
C9
READY
C10
0.01uF
VDD (+2.7V to +5.5V)
D1
DIODE
START
SMX3200 I2C Programming
Connector 10 pin Header
C4
0.1uF
U1
SMM105
1
2
3
4
5
6
8
10
11
12
14
18
19
20
28
SCL
A2
START
A1
READY
A0
WP#
FILT_CAP
FAULT#
COMP2
VM
TRIM_CAP
COMP1
TRIM
SDA
J2
Supply
+12VIN (+10V to +15V)
R8
10K
U2
DC-DC Converter
1
2
3
4
7
8
9
10
11
+Vout
+Vout
Sense
+Vout
+Vin
+Vin
+Vin
Trim
Enable
Figure 6 – SMM105 Applications schematic. The accuracy of the external (U4) or internal reference sets the
accuracy of the ADOC function. Total accuracy with a ±0.1% external reference is ±0.2% and ±0.5% with the
internal reference. The 12V supply can go as low as 8V if the internal regulator is set to 3.6V.
APPLICATIONS INFORMATION (CONTINUED)


同様の部品番号 - SMM105NNCR01

メーカー部品番号データシート部品情報
logo
CUI INC
SMM12 CUI-SMM12 Datasheet
474Kb / 4P
   DC-DC CONVERTER
07/20/2021
logo
Summit Microelectronics...
SMM150 SUMMIT-SMM150 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR00 SUMMIT-SMM150ECR00 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR01 SUMMIT-SMM150ECR01 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR02 SUMMIT-SMM150ECR02 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
More results

同様の説明 - SMM105NNCR01

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com