データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC12C5408 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 STC12C5408
部品情報  STC12C5410AD
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C5408 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STC12C5408 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12C5408 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
0.485 inch(12.32 mm)
0.495 inch(12.57 mm)
0.447(11.35)
0.453(11.51)
0.042(1.07)
0.048(1.22)
0.042(1.07)
0.048(1.22)
0.547(13.89)
0.553 (14.05)
0.585(14.86)
0.595(15.11)
0.050 (1.27)
 BSC.
0.050 (1.27)
 BSC.
0.026 (0.66)
0.032 (0.81)
0.023(0.58)
0.029 (0.74)
× 30°
0.106 (2.69)
0.112 (2.84)
0.013(0.33)
0.021(0.53)
0.400(10.16)
 BSC
0.490(12.45)
0.530(13.46)
0.015(0.38)Min
0.075 (1.91)
0.095 (2.41)
0.125 (3.18)
0.140 (3.56)
Optional Pin #1
    Identifier
PIN1
1.445 (36.70)
1.455 (36.96)
0.280 (7.11)
0.240 (6.10)
0.090(2.29)
MAX
0.005(0.127)
MIN
1.300(33.02) REF
0.210(5.33)
MAX
0.150 (3.81)
0.115 (2.92)
0.100 (2.54)
0.070(1.78)
0.045(1.13)
0.022 (0.559)
0.014 (0.356)
0.015(0.381)MIN
0.325(8.26)
0.300(7.62)
0.014(0.356)
0.008(0.203)
0.430(10.92)MAX
15
REF
SEATING
PLANE
28-PIN PLASTIC DUAL-IN-LINE
PACKAGE (PDIP)
32-PIN PLASTIC LEAD CHIP CARRIER (PLCC)
PIN1
0.020 (0.508)
0.014 (0.350)
0.703 (17.856)
0.693 (17.602)
0.013 (0.330)
0.009 (0.229)
0.0484 (1.228)
0.0276 (0.700)
 0
10
 REF
0.112 (2.844)
0.100 (2.540)
0.014 (0.350)
0.004 (0.102)
28-PIN SMALL OUTLINE PACKAGE (SOP)
0.050 (1.270)
       STC12C5410AD 系列 1T 单片机封装尺寸图
0.299 (7.60)
0.291 (7.39)
0.420 (10.7)
0.393 (9.98)


同様の部品番号 - STC12C5408

メーカー部品番号データシート部品情報
logo
STCmicro Technology Co,...
STC12C5604 STC-STC12C5604 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD STC-STC12C5604AD Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD-35C STC-STC12C5604AD-35C Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD-35I STC-STC12C5604AD-35I Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5608 STC-STC12C5608 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com