データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-SL11-LPV00 データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-SL11-LPV00
部品情報  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SL11-LPV00 データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-SL11-LPV00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SL11-LPV00 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP II
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SD11-LP000
Red 630
345
1330
Yes
Perpendicular
A
HLMP-RD11-LP000
Red 630
345
1330
Yes
Parallel
B
HLMP-SD11-LPT00
Red 630
345
1330
Yes
Perpendicular
A
HLMP-RD11-LPT00
Red 630
345
1330
Yes
Parallel
B
HLMP-SD11-MNT00
Red 630
450
1010
Yes
Perpendicular
A
HLMP-SL11-HLR00
Amber 592
155
600
Yes
Perpendicular
A
HLMP-SL11-LP000
Amber 592
345
1330
Yes
Perpendicular
A
HLMP-RL11-LP000
Amber 592
345
1330
Yes
Parallel
B
HLMP-SL11-LPR00
Amber 592
345
1330
Yes
Perpendicular
A
HLMP-RL11-LPR00
Amber 592
345
1330
Yes
Parallel
B
HLMP-SL11-LPV00
Amber 592
345
1330
Yes
Perpendicular
A
HLMP-RL11-LPV00
Amber 592
345
1330
Yes
Parallel
B
Device Selection Guide for InGaN
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SM11-LP000
Green 526
345
1330
Yes
Perpendicular
A
HLMP-RM11-LP000
Green 526
345
1330
Yes
Parallel
B
HLMP-SB11-EH000
Blue 470
70
270
Yes
Perpendicular
A
HLMP-RB11-EH000
Blue 470
70
270
Yes
Parallel
B
Notes:
4. The luminous intensity is measured on the mechanical axis of the lamp package.
5. The optical axis is closely aligned with the package mechanical axis.
6. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.


同様の部品番号 - HLMP-SL11-LPV00

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11-LP0XX AVAGO-HLMP-SL11-LP0XX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-SL11-LPRXX AVAGO-HLMP-SL11-LPRXX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

同様の説明 - HLMP-SL11-LPV00

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com