データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPV232 データシート(PDF) 1 Page - OPTEK Technologies

部品番号 OPV232
部品情報  Technical Data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV232 データシート(HTML) 1 Page - OPTEK Technologies

  OPV232 Datasheet HTML 1Page - OPTEK Technologies OPV232 Datasheet HTML 2Page - OPTEK Technologies OPV232 Datasheet HTML 3Page - OPTEK Technologies OPV232 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optek Technology, Inc.
Carrollton, Texas 75006
(972) 323-2200
sensor@optekinc.com
www.optekinc.com
September 2004
Issue 1.1
Page 1 of 4
Vertical Cavity Surface
Emitting Laser in Plastic
T-1 Package
Technical Data
OPV232
Description
The OPV232 is a high performance 850nm VCSEL pack-
aged for sensing applications. This product’s combina-
tion of features including high speed, high output power
and concentric beam makes it an ideal transmitter for
integration into all types of position sensing equipment.
Applications include:
Photoelectric Sensors
Light Curtains
Position Sensors
Encoders
Maximum Forward Peak Current
30 mA
Maximum Reverse Voltage
5 Volts
Storage Temperature
-40 to +125°C
Operating Temperature
-40 to +85° C
Soldering Lead Temperature
260° C for 10 Seconds
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Features
850nm VCSEL Technology
High thermal stability
Low drive current/high output intensity
Plastic T-1 convex lens for extra narrow beam
angle.
Additional laser safety information can be found
on the Optek website. See application #221.
Classification is not marked on the device due to
space limitations. See package outline for
centerline of optical radiance. Operating devices
beyond maximum rating may result in hazardous
radiation exposure.


同様の部品番号 - OPV232

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPV230 OPTEK-OPV230 Datasheet
209Kb / 4P
   Technical Data
More results

同様の説明 - OPV232

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com