データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CM6903A データシート(PDF) 2 Page - Champion Microelectronic Corp.

部品番号 CM6903A
部品情報  Low Pin Count PFC/PWM CONTROLLER COMBO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHAMP [Champion Microelectronic Corp.]
ホームページ  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6903A データシート(HTML) 2 Page - Champion Microelectronic Corp.

  CM6903A Datasheet HTML 1Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 2Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 3Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 4Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 5Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 6Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 7Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 8Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CM6903A
Low Pin Count PFC/PWM CONTROLLER COMBO
2005/01/20
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Operating Voltage
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
DC ILIMIT
PWM current limit comparator input
0
1.5
V
2
VCC
Positive supply
10
13
18
V
3
PWM OUT
PWM driver output
0
VCC
V
4
PFC OUT
PFC driver output
0
VCC
V
5
GND
Ground
6
ISENSE
Current sense input to the PFC current limit comparator
-5
0.7
V
7
VEAO
PFC transconductance voltage error amplifier output
0
6
V
8
VFB
PFC transconductance voltage error amplifier input
0
2.5
3
V
9
IAC
Feedforward input to do slope compensation and to start up
the system
0
1
V
BLOCK DIAGRAM
6
ISENSE
8
VFB
4
PFCOUT
7
VEAO
9
IAC
2
VCC
3
PWMOUT
1
DCILIMIT
5
GND
2.5V
17.9V
16.4V
0.5V
2.75V
2.5V
PWM CLK
VREF OK
VREF OK
VCC
2.45V
-1V
VFB
0.75V
1.5V
VCC
PWMCMP
-
.
-
+
UVLO
.
.
S
R
Q
Q
R
R
S
R
Q
Q
R
100K ohm
VCC OVP
+
-
.
-
-
+
.
PFC ILIMIT
+
-
.
PFC OVP
+
-
.
-
+
-
.
PFCCMP
+
-
.
VIN OK
+
-
.
+
10mS
..
.
..
400K ohm
PFCCLKB
PWMCLK
.
.
+
+
OUT
U1
SUM
.
.
.
5.1K ohm
RAMP
FAULTB
PFCCLKB
PWMCLK
fpfc= 67KHz
fpwm=67KHz
CM6903A
Tri-Fault
Detect
gmv
ISENSEAMP
OSC
R1C
R1B
R1A
VREFOK
UVLO
SS
1V


同様の部品番号 - CM6903A

メーカー部品番号データシート部品情報
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AIZ CHAMP-CM6903AIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AXIZ CHAMP-CM6903AXIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results

同様の説明 - CM6903A

メーカー部品番号データシート部品情報
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com