データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CM6903A データシート(PDF) 5 Page - Champion Microelectronic Corp.

部品番号 CM6903A
部品情報  Low Pin Count PFC/PWM CONTROLLER COMBO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHAMP [Champion Microelectronic Corp.]
ホームページ  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6903A データシート(HTML) 5 Page - Champion Microelectronic Corp.

  CM6903A Datasheet HTML 1Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 2Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 3Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 4Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 5Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 6Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 7Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 8Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CM6903A
Low Pin Count PFC/PWM CONTROLLER COMBO
2005/01/20
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 52.3kΩ, CT = 470pF, TA=Operating Temperature Range (Note 1)
CM6903A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM
Duty Cycle Range
CM6903A
0-49.5
0-50
%
Output Low Impedance
15
22.5
ohm
IOUT = -100mA
0.8
1.5
V
Output Low Voltage
IOUT = -10mA, VCC = 8V
0.7
1.5
V
Output High Impendence
30
45
ohm
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time (Note 2)
CL = 1000pF
50
ns
Supply
Start-Up Current
VCC = 11V, CL = 0
100
150
uA
Operating Current
VCC = 15V, CL = 0
2.5
4.0
mA
Undervoltage Lockout Threshold
12.74
13.0
13.26
V
Undervoltage Lockout Hysteresis
2.85
3.0
3.15
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Guaranteed by design, not 100% production test.
TYPICAL PERFORMANCE CHARACTERISTIC
57
64
71
78
85
92
99
106
113
120
127
2
2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3
VFB (V)
Voltage Error Amplifier (gmv) Transconductance


同様の部品番号 - CM6903A

メーカー部品番号データシート部品情報
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AIZ CHAMP-CM6903AIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AXIZ CHAMP-CM6903AXIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results

同様の説明 - CM6903A

メーカー部品番号データシート部品情報
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com