データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPPM0110 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPPM0110
部品情報  DUAL LOW-DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPPM0110 データシート(HTML) 4 Page - Texas Instruments

  TPPM0110 Datasheet HTML 1Page - Texas Instruments TPPM0110 Datasheet HTML 2Page - Texas Instruments TPPM0110 Datasheet HTML 3Page - Texas Instruments TPPM0110 Datasheet HTML 4Page - Texas Instruments TPPM0110 Datasheet HTML 5Page - Texas Instruments TPPM0110 Datasheet HTML 6Page - Texas Instruments TPPM0110 Datasheet HTML 7Page - Texas Instruments TPPM0110 Datasheet HTML 8Page - Texas Instruments TPPM0110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TPPM0110
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS365 –MARCH 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = 0°C to 55°C, CL = 100 µF, V(5VCC) = 5 V (unless otherwise noted)
The operating ratings specified below is interpreted as conditions that do not degrade the device’s parametric
or functional specifications for the life of the product.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(5VCC)
Input voltage
4.7
5
5.3
V
I(Q)
Quiescent supply current
IO(3.3VOUT) = 1.2 A and
IO(1.8VOUT) = 300 mA
1
mA
(Q)
y
With no loads on outputs
600
µA
IO
Output load current
3.3VOUT = 3.3 V
±3%
1.5
A
IO
Output load current
1.8VOUT = 1.8 V
±2%
300
mA
V(3.3VOUT)
3.3-V output
IO = 1 mA to 1.2 A
3.23
3.33
3.43
V
V(1.8VOUT)
1.8-V output
IO = 1 mA to 250 mA
1.78
1.82
1.85
V
V(DO)
Regulator drop-out
3.3VOUT
IO < 1.2 A
1
V
V(DO)
g
voltage
1.8VOUT
IO < 250 mA
2.5
V
I(3 3VOUT)OC
Overcurrent protection
3.3VOUT, IL↑, See Note 4
2.25
3
5.4
A
I(3.3VOUT)OC
Overcurrent protection
Hysteresis
500
mA
I(1 8VOUT)OC
Overcurrent protection
1.8VOUT, See Note 4
0.45
0.6
1.08
A
I(1.8VOUT)OC
Overcurrent protection
Hysteresis
200
mA
CL
Load capacitance for both
regulated outputs
100
µF
ESR(CL)
Equivalent series resistance
1
Vth
Threshold voltage
5 V
↓, IO(3.3VOUT)= 1.2 A,
IO(1.8VOUT) = 250 mA
3.4
4.2
V
th
g
Hysteresis
250
mV
TTSD†
Thermal shutdown hysteresis
Temperature
150
180
°C
TTSD†
Thermal shutdown hysteresis
Hysteresis
15
°C
† Design targets only. Not tested in production.
NOTE 4: In the event of an overcurrent condition, the output should be a constant current limit such that the current never exceeds 360% of
IO(TYP). Once the overcurrent condition is removed, the device returns to within the specified regulation limits.
electrical characteristics, TA = 0°C to 55°C, CL = 100 µF, V(5VCC) = 5 V (unless otherwise noted)
The following parametric requirements are applicable to both 3.3VOUT and 1.8VOUT when subjected to these
transient tests.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(OTL)
Output transient voltage limit
Voltage that load step can affect nominal output
voltage (see Note 5)
–3%
3%
IO(STEP)
Output load step current
See Note 5
0
IO(TYP)
A
IO(SLEW)
Output load step current slew rate
See Note 5 and 6
8
A/
µs
t(STEP)
Output transient time limit
See Note 5
10
µs
Power up overshoot
Maximum voltage overshoot allowed on either
output when component begins regulation. Voltage
transient time limit is t(STEP) (see Note 5)
7
%
† Design targets only. Not tested in production..
NOTES:
5. Both outputs must maintain voltage regulation within
±3% of nominal, for a load step from 0 to IO(TYP) and from IO(TYP) to 0 A with
a current slew rate of 8A/ms. Load may be toggled at a rate of 20 kHz typical. The outputs must return to the specified regulation
limits within the specified time of 10
µs (typical).
6. Both linear regulators must be capable of regulating small ESR ceramic capacitors or aluminum electrolytic capacitors (see ESR
specification).


同様の部品番号 - TPPM0110

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

同様の説明 - TPPM0110

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com