データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP-5-3.3-D24N データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 BCP-5-3.3-D24N
部品情報  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-5-3.3-D24N データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  BCP-5-3.3-D24N Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
75W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
XCP Series
Performance Specifications and Ordering Guide
V1 Nominal Output Voltage: 5 Volts
5
BCP
15
-
/
D24
-
Input Voltage Range:
D24 = 18-36 Volts (24V nominal)
D48 = 36-75 Volts (48V nominal)
I1 Maximum Output Current: 15A
Dual Output/
Standard Half-Brick Package
P A R T NUMBER STR UCTURE
3.3 15
/
-
N
V2 Nominal Output Voltage: 3.3 Volts
I2 Maximum Output Current: 15A
Add "N" or "S" suffix as desired
Part Number Suffixes
BCP 75 Watt DC/DC's are designed so an On/Off Control function,
with either positive polarity (no suffix) or negative polarity ("N"suffix),
or a Sync function ("S" suffix) can be added in the pin 3 position.
No Suffix On/Off Control function (positive polarity) on pin 3
N
On/Off Control function (negative polarity) on pin 3
S
Sync function on pin 3
BCP-5/15-3.3/15-D24
5
15
50
100
±0.2%
±0.5%
24
18-36
215/3720
84%
87.2%
C19, P29
3.3
15
50
100
±0.2%
±0.6%
BCP-5/15-3.3/15-D48
5
15
50
100
±0.2%
±0.5%
48
36-75
125/1860
84%
88%
C19, P29
3.3
15
50
100
±0.2%
±0.6%
➀ Typical at TA = +25°C under nominal line voltage and balanced "full-load" (5V @7.5A, 3.3V @ 7.5A)
conditions unless otherwise noted.
➁ Ripple/Noise (R/N) measured over a 20MHz bandwidth. All models are specified with 22µF, low-ESR,
input capacitor and 10µF tantalum in parallel with 1µF ceramic output capacitors.
Output
Input
➂ No load to 100% load, other output at no-load.
➃ Nominal line voltage, no-load/5V at full-load condition.
➄ Current from either output at maximum value, or both outputs to a combined total of 15 A.
➅ 5V at full-load condition.
R/N (mVp-p)
Regulation (Max.)
Efficiency ➅
Package
VOUT
IOUT
VIN Nom.
Range
IIN
(Case,
Model
(Volts)
(Amps)
Typ.
Max.
Line
Load
(Volts)
(Volts)
(mA)
Min.
Typ.
Pinout)
Pin
Function P29
Pin
Function P29
1
–Input
6
5V Return
2
Case (Baseplate)
7
+5V Output
3
On/Off Control
8
3.3V Trim
4
+Input
9
3.3V Return
5
5V Trim
10
+3.3V Output
MECHANICAL SPECIFICA TIONS
Optional Heat Sink (Part Number HS-CPLP2)
0.30
(7.62)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
2.40
(60.96)
1.000
(25.40)
1.900
(48.26)
2.30
(58.42)
1
2
3
4
9
10
8
7
6
5
2.000
(50.80)
(4) THREADED INSERTS
#M3 THD THRU
0.20
(5.08)
0.20
(5.08)
0.200
(5.08)
BOTTOM VIEW
0.300
(7.62)
0.600
(15.24)
1.300
(33.02)
1.600
(40.64)
METAL BASEPLATE
PLASTIC SHELL
0.20 MIN
(5.08)
0.545 (13.84) MAX.
0.525 (13.34) TYP.
0.040 ±0.002 DIA.
(1.016 ±0.051)
Case C19
I/O Connections
2.000
(50.80)
2.30
(58.42)
1.900
(48.26)
2.40
(60.96)
0.20
(5.08)
0.147 DIA. (3.734)
(4 PLACES)
0.20
(5.08)
0.50 (12.70) TYP.
051 (12.95) MAX.
0.10
(2.54)
TOP VIEW
MATERIAL: BLACK ANODIZED ALUMINUM
4 MOUNTING SCREWS AND 0.009 (0.229)
THICK THERMAL PAD INCLUDED
3.50
(88.90)
0.75
(19.05)
0.20
(5.08)
0.140 THRU AND COUNTERSINK
90˚ TO 0.26 (4 PLACES)
2.000
(50.80)
1.900
(48.26)
2.30
(58.42)
0.47
(11.94)
MATERIAL: BLACK ANODIZED ALUMINUM
2.48
(62.99)
0.16
(4.06)
Optional Heat Sink (Part Number HS-CP)
2


同様の部品番号 - BCP-5-3.3-D24N

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

同様の説明 - BCP-5-3.3-D24N

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL