データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP-15-15-D24N データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 BCP-15-15-D24N
部品情報  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-15-15-D24N データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BCP-15-15-D24N Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 9Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 10Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 11Page - List of Unclassifed Manufacturers BCP-15-15-D24N Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BCP Models
75W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
90
88
86
84
82
80
78
76
74
72
70
68
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+5V Output Current (Amps)
5V Efficiency vs. Load
(+3.3V Output @ 0 Amps.)
VIN = 36V
VIN = 30V
VIN = 24V
VIN = 18V
75.0
72.5
70.0
67.5
65.0
62.5
60.0
57.5
55.0
52.5
50.0
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+3.3V Output Current (Amps)
VIN = 36V
VIN = 18V
VIN = 24V
VIN = 30V
3.3V Efficiency vs. Load
(+5V Output @ 0 Amps.)
90
88
86
84
82
80
78
76
74
72
70
68
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+5V Output Current (Amps)
VIN = 36V
VIN = 75V
VIN = 60V
VIN = 48V
5V Efficiency vs. Load
(+3.3V Output @ 0 Amps)
78
76
74
72
70
68
66
64
62
60
58
56
54
3.3V Efficiency vs. Load
(+5V Output @ 0 Amps.)
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+3.3V Output Current (Amps)
VIN = 75V
VIN = 48V
VIN = 60V
VIN = 36V
D24 Model
D48 Model
Typical Performance Curves
11
90
88
86
84
82
80
78
76
74
72
70
36
40.4
44.7
49
53.3
57.7
62
66.3
70.7
75
Input Voltage (Volts)
Overall Efficiency vs. Line and Load
+3.3V @ 0A and +5V @15A
+3.3V @ 3.75A and +5V @11.25A
+3.3V @ 7.5A and +5V @7.5A
+3.3V @ 15A and +5V @0A
90
88
86
84
82
80
78
76
74
72
70
36
40.4
44.7
49
53.3
57.7
62
66.3
70.7
75
Input Voltage (Volts)
Overall Efficiency vs. Line and Load
+3.3V @ 0A and +5V @15A
+3.3V @ 3.75A and +5V @11.25A
+3.3V @ 7.5A and +5V @7.5A
+3.3V @ 15A and +5V @0A


同様の部品番号 - BCP-15-15-D24N

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

同様の説明 - BCP-15-15-D24N

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com