5 / 28 page
Si5600
Preliminary Rev. 0.31
5
Figure 3. Rise/Fall Time Measurement
Table 2. DC Characteristics
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
IDD
—611
TBD
mA
Power Dissipation
PD
—1.2
TBD
W
Voltage Reference (VREF)
VREF
VREF driving
10 k
Ω load
1.21
1.25
1.29
V
Common Mode Input Voltage (RXDIN)
VICM
TBD
0.1
TBD
V
Differential Input Voltage Swing (RXDIN)
VID
See Figure 1
20
—
1.0
mV
(pk-pk)
Common Mode Output Voltage
(TXDOUT, TXCLKOUT)
VOCM
.8
0.9
1.0
V
Differential Output Voltage Swing
(TXDOUT, TXCLKOUT), Differential pk-pk
VOD
See Figure 1
800
1000
1200
mV
(pk-pk)
LVPECL Input Voltage HIGH (REFCLK)
VIH
1.975
2.3
2.59
V
LVPECL Input Voltage LOW (REFCLK)
VIL
1.32
1.6
1.99
V
LVPECL Input Voltage Swing,
Differential pk-pk (REFCLK)
VID
Figure 1
250
—
2400
mV
(pk-pk)
LVPECL Internally Generated Input Bias
(REFCLK)
VIB
1.6
1.95
2.3
V
LVDS Input High Voltage
(TXDIN, TXCLK16IN)
VIH
——
2.4
V
LVDS Input Low Voltage
(TXDIN, TXCLK16IN)
VIL
0.0
—
—
V
LVDS Input Voltage, Single Ended pk-pk
(TXDIN, TXCLK16IN)
VISE
100
—
600
mV
(pk-pk)
LVDS Output High Voltage
(RXDOUT, RXCLK1, RXCLK2,
TXCLK16OUT)
VOH1
100
Ω Load
Line-to-Line
TBD
—
1.475
mV
LVDS Output Low Voltage
(RXDOUT, RXCLK1, RXCLK2,
TXCLK16OUT)
VOL1
100
Ω Load
Line-to-Line
0.925
—
TBD
V
LVDS Output Voltage, Differential pk-pk
(RXDOUT, RXCLK1, RXCLK2,
TXCLK16OUT)
VOSE
100
Ω Load
Line-to-Line,
Figure 1
500
—
800
mV
(pk-pk)
All Differential
IOs
t
F
t
R
80%
20%