データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N02L1618C1AB データシート(PDF) 4 Page - NanoAmp Solutions, Inc.

部品番号 N02L1618C1AB
部品情報  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L1618C1AB データシート(HTML) 4 Page - NanoAmp Solutions, Inc.

  N02L1618C1AB Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L1618C1AB Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Stock No. 23265-A
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L1618C1A
Advance Information
Absolute Maximum Ratings1
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 3.0
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
240oC, 10sec(Lead only)
oC
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and are not 100% tested.
Max
Unit
Supply Voltage
VCC
1.65
1.8
2.2
V
Data Retention Voltage
VDR
Chip Disabled2
1.2
2.2
V
Input High Voltage
VIH
0.7Vcc
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.3Vcc
V
Output High Voltage
VOH
IOH = 0.2mA
VCC–0.2
V
Output Low Voltage
VOL
IOL = -0.2mA
0.3
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.5
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=2.2 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
1.4
3.0
mA
Read/Write Operating Supply Current
@ 70 ns Cycle Time2
ICC2
VCC=2.2 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
8.0
17.0
mA
Page Mode Operating Supply Current
@ 70ns Cycle Time2 (Refer to Power
Savings with Page Mode Operation
diagram)
ICC3
VCC=2.2V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
2.0
4.0
mA
Read/Write Quiescent Operating Sup-
ply Current3
3. This device assumes a standby mode if the chip is disabled (CE high). In order to achieve low standby current all inputs must be
within 0.2 volts of either VCC or VSS
ICC4
VCC=2.2V, VIN=VIH or VIL
Chip Enabled, IOUT = 0,
f = 0
0.1
mA
Maximum Standby Current3
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 2.2 V
0.5
10.0
µA
Maximum Data Retention Current3
IDR
VCC = 1.2V, VIN = VCC or 0
Chip Disabled, tA= 85oC
5.0
µA


同様の部品番号 - N02L1618C1AB

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

同様の説明 - N02L1618C1AB

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com