データシートサーチシステム |
|
N04Q1630C2BX-70C データシート(PDF) 4 Page - NanoAmp Solutions, Inc. |
|
N04Q1630C2BX-70C データシート(HTML) 4 Page - NanoAmp Solutions, Inc. |
4 / 13 page Stock No. 23451-B 2/06 4 The specification is ADVANCE INFORMATION and subject to change without notice. NanoAmp Solutions, Inc. N04Q16yyC2B Advance Information Absolute Maximum Ratings1 1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Item Symbol Rating Unit Voltage on any pin relative to VSS VIN,OUT –0.3 to VCC+0.3 V Voltage on VCC Supply Relative to VSS VCC –0.3 to 4 V Power Dissipation PD 500 mW Storage Temperature TSTG –40 to 125 oC Operating Temperature TA -40 to +85 oC Soldering Temperature and Time TSOLDER 260oC, 10sec oC Operating Characteristics (Over Specified Temperature Range) Item Symbol Device Conditions Min. Typ Max Unit Core Supply Voltage VCC N04Q1612... 1.2V Core Device 1.1 1.2 1.3 V N04Q1618... 1.8V Core Device 1.65 1.8 1.95 N04Q1625... 2.5V Core Device 2.3 2.5 2.8 N04Q1630... 3V Core Device 2.7 3.0 3.6 I/O Supply Voltage VCCQ N04Q1612... 1.2V Core Device 1.1 3.3 V N04Q1618... 1.8V Core Device 1.65 3.3 N04Q1625... 2.5V Core Device 2.3 3.3 N04Q1630... 3V Core Device 2.7 3.6 Input High Voltage VIH 0.8 x VCCQ VCC+0.3 V Input Low Voltage VIL –0.3 0.2 x VCCQ Output High Voltage VOH IOH = -100uA VCC–0.2 V Output Low Voltage VOL IOL = 100uA 0.2 V Input Leakage Current ILI VIN = 0 to VCC 0.5 µA Output Leakage Current ILO OE = VIH or Chip Disabled 0.5 µA |
同様の部品番号 - N04Q1630C2BX-70C |
|
同様の説明 - N04Q1630C2BX-70C |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |