データシートサーチシステム |
|
OP1270 データシート(PDF) 2 Page - OPTEK Technologies |
|
OP1270 データシート(HTML) 2 Page - OPTEK Technologies |
2 / 2 page OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A 03/06 Page 2 of 2 Axial Fiber Optic Isolator OP1270-032, OP1260-040, OP1270-080 Absolute Maximum Ratings (TA=25°C unless otherwise noted) Storage Temperature Range -40o C to +100o C Operating Temperature Range -20°C to +85°C Power Dissipation (2) 100 mW Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron] 260°C(1) Electrical Characteristics (TA = 25°C unless otherwise noted) SYMBOL PARAMETER MIN TYP MAX UNITS TEST CONDITIONS LED (see OVLAS6CB8 for additional information) VF On-State Collector Current 0.9 - 1.5 V IF = 20 mA IR Collector-Dark Current - - 80 µA VR = 3.0 V SENSOR—Phototransistor (See OP506 for additional information) ICEO Collector Dark Current - - 50 nA VCE = 10 V, EE = 0 V(BR)CEO Collector-Emitter Breakdown Voltage 33 - - V IC = 100 µA, EE = 0 V(BR)ECO Emitter-Collector Breakdown Voltage 5.5 - - V IE = 100 µA, EE = 0 COUPLED IC(ON) 0.36 - - mA VCE = 5 V, IF = 10 mA IISO(3) - - 1.0 µA I @ 7 KV RMS, 25°C, Test Duration = 2 sec. Output Current vs Forward Current vs Temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 5 10 15 20 25 30 35 40 Forward Current ( mA) -20°C 0°C 20°C 40°C 60°C 80°C Normalized IF = 10mA, Vce = 5V, Ta = 20°C Notes: 1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum 20 grams force may be applied to the leads when soldering. 2. Derate linearly 1.33 mW/°C above 25°C. 3. Isolation voltage testing is required. |
同様の部品番号 - OP1270 |
|
同様の説明 - OP1270 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |