データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC55NEM216ASTV70 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TC55NEM216ASTV70
部品情報  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM216ASTV70 データシート(HTML) 4 Page - Toshiba Semiconductor

  TC55NEM216ASTV70 Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC55NEM216ASTV55,70
2002-10-30
4/12
DC CHARACTERISTICS (Ta = −40° to 85°C, VDD = 5 V ± 10%)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
±1.0
µA
IOH
Output High Current
VOH = 2.4 V
−1.0
mA
IOL
Output Low Current
VOL = 0.4 V
2.1
mA
ILO
Output Leakage
Current
CE
= VIH or CS = VIL or LB = UB = VIH or
R/W
= VIL or OE = VIH, VOUT = 0 V~VDD
±1.0
µA
MIN
35
lDDO1
CE
= VIL and CS = VIH and
R/W
= VIH, LB = UB = VIL,
IOUT = 0 mA,
Other Input
= VIH/VIL
tcycle
1
µs
8
mA
MIN
30
lDDO2
Operating Current
CE
= 0.2 V and CS = VDD − 0.2 V and
R/W
= VDD − 0.2 V, LB = UB = 0.2 V,
IOUT = 0 mA,
Other Input
= VDD − 0.2 V/0.2 V
tcycle
1
µs
3
mA
IDDS1
1) CE
= VIH
2) CS
= VIL
3) LB
= UB = VIH
3
mA
Ta
= 25°C
1
Ta
= −40~40°C
3
IDDS2
Standby Current
1) CE
= VDD − 0.2 V
2) CS
= 0.2 V
3) LB
= UB = VDD − 0.2 V, CE = 0.2 V,
CS
= VDD − 0.2 V
Ta
= −40~85°C
20
µA
DC CHARACTERISTICS (Ta = −40° to 85°C, VDD = 3 V ± 10%)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
±1.0
µA
IOH
Output High Current
VOH = VDD − 0.2 V
−0.1
mA
IOL
Output Low Current
VOL = 0.2 V
0.1
mA
ILO
Output Leakage
Current
CE
= VIH or CS = VIL or LB = UB = VIH or
R/W
= VIL or OE = VIH, VOUT = 0 V~VDD
±1.0
µA
MIN
30
IDDO2
Operating Current
CE
= 0.2 V and CS = VDD − 0.2 V and
R/W
= VDD − 0.2 V, LB = UB = 0.2 V,
IOUT = 0 mA,
Other Input
= VDD − 0.2 V/0.2 V
tcycle
1
µs
3
mA
Ta
= 25°C
1
Ta
= −40~40°C
3
IDDS2
Standby Current
1) CE
= VDD − 0.2 V
2) CS
= 0.2 V
3) LB
= UB = VDD − 0.2 V, CE = 0.2 V,
CS
= VDD − 0.2 V
Ta
= −40~85°C
20
µA
CAPACITANCE (Ta = 25°C, f = 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note:
This parameter is periodically sampled and is not 100% tested.


同様の部品番号 - TC55NEM216ASTV70

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC55NEM216AFTN55 TOSHIBA-TC55NEM216AFTN55 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM216AFTN70 TOSHIBA-TC55NEM216AFTN70 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

同様の説明 - TC55NEM216ASTV70

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com