データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC55NEM216ASTV70 データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TC55NEM216ASTV70
部品情報  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM216ASTV70 データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TC55NEM216ASTV70 Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 9Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 10Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 11Page - Toshiba Semiconductor TC55NEM216ASTV70 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TC55NEM216ASTV55,70
2002-10-30
10/12
,
CONTROLLED
DATA RETENTION MODE
(See Note 3)
Note:
(1)
In CE controlled data retention mode, minimum standby current mode is entered when CS
≤ 0.2 V or
CS
≥ VDD − 0.2 V.
(2)
When CE is operating at the VIH(min.) level(2.2 V), the operating current is given by IDDS1 during the
transition of VDD from 4.5 to 2.4 V.
(3)
In CS controlled data retention mode, minimum standby current mode is entered when CS
≤ 0.2 V.
(4)
In UB (or LB ) controlled data retention mode, minimum standby current mode is entered when
CE
,CS
≤ 0.2 V or CE ,CS ≥ VDD − 0.2 V.
(5)
When UB (or LB ) is operating at the VIH(min.) level(2.2 V), the operating current is given by IDDS1
during the transition of VDD from 4.5 to 2.4 V.
UB LB
VDD
4.5 V
GND
VIH
DATA RETENTION MODE
tR
(See Note 4)
(See Note 4)
tCDR
VDD
VDD − 0.2 V
UB , LB


同様の部品番号 - TC55NEM216ASTV70

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC55NEM216AFTN55 TOSHIBA-TC55NEM216AFTN55 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM216AFTN70 TOSHIBA-TC55NEM216AFTN70 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

同様の説明 - TC55NEM216ASTV70

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com