データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC8051C2XXXA16IAR データシート(PDF) 9 Page - TEMIC Semiconductors

部品番号 TSC8051C2XXXA16IAR
部品情報  8-Bit Microcontroller for Digital Computer Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051C2XXXA16IAR データシート(HTML) 9 Page - TEMIC Semiconductors

Back Button TSC8051C2XXXA16IAR Datasheet HTML 5Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 6Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 7Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 8Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 9Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 10Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 11Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 12Page - TEMIC Semiconductors TSC8051C2XXXA16IAR Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TSC8051C2
Rev. A (10 Jan. 97)
9
Preview
MATRA MHS
Register
Content
SCON
00h
SOCR
00h
SP
07h
TCON
00h
TH0, TH1
00h
TL0, TL1
00h
TMOD
00h
The internal RAM is not affected by reset. At power–on
reset, the RAM content is indeterminate.
Watchdog
Reset
RST
Reset
Circuitry
Schmitt
Trigger
On–chip
resistor
RRST
Power Fail
Reset
Figure 5. On–Chip Reset Configuration.
An automatic reset can be obtained when VCC is turned
on by connecting the RST pin to VCC through a 1
µF
capacitor providing the VCC setting time does not
exceed 1ms and the oscillator start–up time does not
exceed 10ms. This power–on reset circuit is shown in
Figure 6. When power comes on, the current drawn by
RST starts to charge the capacitor. The voltage at RST
is the difference between VCC and the capacitor
voltage, and decreases from VCC as the capacitor
charges. VRST must remain above the lower threshold of
the Schmitt trigger long enough to effect a complete
reset. The time required is the oscillator start–up time,
plus 2 machine cycles.
+
VSS
RST
VRST
RRST
VCC
TSC8051C2
VCC
1
mF
Figure 6. Power–on Reset Circuit
6.6. Oscillator Characteristics
XTAL1 and XTAL2 are respectively the input and
output of an inverting amplifier which is configured for
use as an on–chip oscillator. As shown in Figure 7. ,
either a quartz crystal or ceramic resonator may be used.
To drive the device from an external clock source,
XTAL1 should be driven while XTAL2 is left
unconnected as shown in Figure 8.
There are no requirements on the duty cycle of the
external clock signal, since the input to the internal
clocking circuitry is through a divide–by–two flip–flop.
The minimum high and low times specified on the data
sheet must be observed however.
XTAL2
XTAL1
VSS
Figure 7. Crystal Oscillator
XTAL2
XTAL1
VSS
NC
EXTERNAL
OSCILLATOR
SIGNAL
Figure 8. External Drive Configuration
6.7. Memory organization
The memory organisation of the TSC8051C2 is the same
as in the 80C51, with the exception that the TSC8051C2
has 4k bytes ROM, 256 bytes RAM, and additional
SFRs. Details of the differences are given in the
following paragraphs.
In the TSC8051C2, the lowest 4k of the 64k program
memory address space is filled by internal ROM.
Depending on the package used, external access is
available or not. By tying the EA pin high, the processor
fetches instructions from internal program ROM. Bus
expansion for accessing program memory from 4k
upward is automatic since external instruction fetches
occur automatically when the program counter exceeds
1FFFh. If the EA pin is tied low, all program memory
fetches are from external memory. The execution speed
is the same regardless of whether fetches are from
external or internal program memory. If all storage is
on–chip, then byte location 0FFFh should be left vacant
to prevent an undesired pre–fetch from external program
memory address 1000h.


同様の部品番号 - TSC8051C2XXXA16IAR

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TSC8051C1XXX-12CAB TEMIC-TSC8051C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CAD TEMIC-TSC8051C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CAR TEMIC-TSC8051C1XXX-12CAR Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CBB TEMIC-TSC8051C1XXX-12CBB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CBD TEMIC-TSC8051C1XXX-12CBD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

同様の説明 - TSC8051C2XXXA16IAR

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com