データシートサーチシステム |
|
TSC8051C2XXXA12CBD データシート(PDF) 1 Page - TEMIC Semiconductors |
|
TSC8051C2XXXA12CBD データシート(HTML) 1 Page - TEMIC Semiconductors |
1 / 28 page TSC8051C2 Rev. A (10 Jan. 97) 1 Preview MATRA MHS 1. Introduction The TSC8051C2 is a stand–alone high performance CMOS 8–bit embedded microcontroller and is designed for use in CRT monitors. It is also suitable for automotive and industrial applications. The TSC8051C2 includes the fully static 8–bit “80C51” CPU core with 256 bytes of RAM; 4 Kbytes of ROM; two 16–bit timers; 12 PWM Channels; a 5 sources and 2–level interrupt controller; a full duplex serial port; a watchdog timer; power voltage monitor and on–chip oscillator. In addition, the TSC8051C2 has 2 software selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the RAM, the timers, the serial ports, and the interrupt system continue to function. In the power down mode the RAM is saved and all other functions are inoperative. The TSC8051C2 enables the users reducing a lot of external discrete components while bringing the maximum of flexibility. 2. Features D Boolean processor D Fully static design D 4K bytes of ROM D 256 bytes of RAM D 2 x 16–bit timer/counter D Programmable serial port D 5 interrupt sources: D External interrupts (2) D Timers interrupt (2) D Serial port interrupt D Watchdog reset D Power Fail reset D On chip oscillator for crystal or ceramic resonator D 2 power saving control modes: D Idle mode D Power–down mode D SYNC Processor D Controlled HSYNC & VSYNC outputs D Controlled HSYNC & VSYNC inputs D Clamp pulse output D Up to 12 programmable PWM channels with 8–bit resolution D Up to 32 programmable I/O lines depending on the package D 40 pins DIP, 44 pins PQFP, 44 and 52 pins PLCC packages D Commercial and industrial temperature ranges D Operating Frequency: 12 MHz to 16 MHz 8-Bit Microcontroller for Digital Computer Monitors |
同様の部品番号 - TSC8051C2XXXA12CBD |
|
同様の説明 - TSC8051C2XXXA12CBD |