データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2905Y18 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 GS2905Y18
部品情報  500mA CMOS LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GS2905Y18 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  GS2905Y18 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2905Y18 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GS2905
Globaltech Semiconductor
www.globaltechsemi.com
2
GS2905
Block Diagram
VIN
0.9V
REFERENCE
THERMAL
SHUTDOWN
CURRENT
LIMITING
1
3
2
VOUT
GND
Packages & Pin Assignments
GS2905Y (SOT-89)
GS2905X (SOT-223)
1
2
3
Pin1 = GND
Pin2 = VIN
Pin3 = VOUT
1
2
3
Pin1 = GND
Pin2 = VIN
Pin3 = VOUT
Ordering Information
SOT-89
SOT-223
Output
GS2905Y15
GS2905X15
1.5V
GS2905Y18
GS2905X18
1.8V
GS2905Y25
GS2905X25
2.5V
GS2905Y33
GS2905X33
3.3V
GS2905Y36
GS2905X36
3.6V
GS2905Y50
GS2905X50
5.0V
*GS2905XF, X means package type and F means Lead Free part.
*For other output voltages, please contact factory.


同様の部品番号 - GS2905Y18

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N15 ETC1-GS2911N15 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N18 ETC1-GS2911N18 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N20 ETC1-GS2911N20 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N25 ETC1-GS2911N25 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results

同様の説明 - GS2905Y18

メーカー部品番号データシート部品情報
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com