データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SN65LBC175A データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号. SN65LBC175A
部品情報  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
ダウンロード  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

SN65LBC175A Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN65LBC175A, SN75LBC175A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS455B − NOVEMBER 2000 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for TIA/EIA-485, TIA/EIA-422, and
ISO 8482 Applications
D Signaling Rate1 Exceeding 50 Mbps
D Fail-Safe in Bus Short-Circuit, Open-Circuit,
and Idle-Bus Conditions
D ESD Protection on Bus Inputs
Exceeds 6 kV
D Common-Mode Bus Input Range
–7 V to 12 V
D Propagation Delay Times <16 ns
D Low Standby Power Consumption <20 µA
D Pin-Compatible Upgrade for MC3486,
DS96F175, LTC489, and SN75175
description
The SN65LBC175A and SN75LBC175A are
quadruple differential line receivers with 3-state
outputs, designed for TIA/EIA-485 (RS-485),
TIA/EIA-422 (RS-422), and ISO 8482 (Euro
RS-485) applications.
These devices are optimized for balanced
multipoint bus communication at data rates up to
and exceeding 50 million bits per second. The
transmission media may be twisted-pair cables,
printed-circuit board traces, or backplanes. The
ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of
the media and the noise coupling to the
environment.
Each receiver operates over a wide range of positive and negative common-mode input voltages, and features
ESD protection to 6 kV, making it suitable for high-speed multipoint data transmission applications in harsh
environments. These devices are designed using LinBiCMOS
t, facilitating low power consumption and
inherent robustness.
Two EN inputs provide pair-wise enable control, or these can be tied together externally to enable all four drivers
with the same signal.
The SN75LBC175A is characterized for operation over the temperature range of 0
°C to 70°C. The
SN65LBC175A is characterized over the temperature range from −40
°C to 85°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
1The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1,2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3,4EN
3Y
3A
3B
SN65LBC175A (Marked as 65LBC175A)
SN75LBC175A (Marked as 75LBC175A)
D or N PACKAGE
(TOP VIEW)
logic diagram
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
4A
4B
4Y
1,2EN
3,4EN


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SN65LBC173AQUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
HD75173Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreRenesas Technology Corp
HD75173Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreRenesas Technology Corp
SN65LBC172AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
AM26C32CQUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65175QUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
HD26C32AQuadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
AM26LS32ACQUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN55173QUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LBC173QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn