データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF423A3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 BF423A3
部品情報  PNP Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BF423A3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  BF423A3 Datasheet HTML 1Page - Cystech Electonics Corp. BF423A3 Datasheet HTML 2Page - Cystech Electonics Corp. BF423A3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C235A3
Issued Date : 2004.02.24
Revised Date : 2004.10.18
Page No. : 1/3
BF423A3/S
CYStek Product Specification
PNP Epitaxial Planar Transistor
BF423A3/S
Description
• PNP high voltage transistors in a TO-92 plastic package.
• Complementary to BF422A3/S.
• Pb-free package is available
Features
• Low feedback capacitance.
Applications
• Class-B video output stages in color television and professional monitor equipment.
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Conditions
Min
Max
Unit
Collector-Base Voltage
VCBO
Open emitter
-
-250
V
Collector-Emitter Voltage
VCEO
Open base
-
-250
V
Emitter-Base Voltage
VEBO
Open collector
-
-5
V
Collector Current (DC)
IC
-
-50
mA
Peak Collector Current
ICM
-
-100
mA
Peak Base Current
IBM
-
-50
mA
Power Dissipation
Pd
Tamb
≤25℃, Note
-
830
mW
Junction Temperature
Tj
-
150
°C
Storage Temperature
Tstg
-65
+150
°C
Operating Ambient Temperature
Tamb
-65
+150
°C
Note : Transistor mounted on a printed-circuit board.
BF423A3/S
TO-92
B:Base
C:Collector
E:Emitter
E C B


同様の部品番号 - BF423A3

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BF423 MOTOROLA-BF423 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
Dc Components
BF423 DCCOM-BF423 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
BF423 ONSEMI-BF423 Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

同様の説明 - BF423A3

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com