データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE9020KG データシート(PDF) 1 Page - Zarlink Semiconductor Inc

部品番号 ACE9020KG
部品情報  Receiver and Transmitter Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ACE9020KG データシート(HTML) 1 Page - Zarlink Semiconductor Inc

  ACE9020KG Datasheet HTML 1Page - Zarlink Semiconductor Inc ACE9020KG Datasheet HTML 2Page - Zarlink Semiconductor Inc ACE9020KG Datasheet HTML 3Page - Zarlink Semiconductor Inc ACE9020KG Datasheet HTML 4Page - Zarlink Semiconductor Inc ACE9020KG Datasheet HTML 5Page - Zarlink Semiconductor Inc ACE9020KG Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE9020 is a VHF oscillator, up-converter and prescaler.
It is used in an offset modulated transmit architecture where a
UHF synthesiser makes the channel selection and a second
synthesiser generates a fixed transmit offset.
A VCO signal drives a buffer in ACE9020 to feed an on-
chip prescaler and transmit up-converter. The prescaler is a
dual two-modulus divider and drives the main synthesiser
input of the ACE9030. The SSB up-converter suppresses the
unwanted transmit sideband.
The VHF oscillator is buffered to drive the auxiliary
synthesiser input of the ACE9030 and is locked to the offset
frequency. This frequency is modulated by varying the
resonant frequency of the external tank circuit. Both this
oscillator and the UHF VCO drive the up-converting mixer to
generate the transmit signal.
Various power saving modes for battery economy are
included. These allow the transmit sections to be shut down
during stand-by and the whole chip can be shut down during
sleep mode. The circuit techniques used have been chosen to
minimise external components and at the same time give very
high performance.
Features
Low Power Low Voltage (3.6 to 5.0 V) Operation
Power Down Modes
Differential Signals to Minimise Cross-talk
Auxiliary Oscillator with Transmit Up-converter
Prescaler for Main Synthesiser
Part of the ACE Integrated Cellular Phone Chipset
Small Outline 28 pin Package
Applications
AMPS and TACS Cellular Telephone
Two-Way Radio Systems
Related Products
ACE9020 is part of the following chipset:
ACE9030 Radio Interface and Twin Synthesiser
ACE9040 Audio Processor
ACE9050 System Controller and Data Modem
ABSOLUTE MAXIMUM RATINGS
Supply voltage
6V
Storage temperature
- 65
°Cto+150°C
Operating temperature
- 30
°Cto+85°C
Voltage at any pin
-0.3V to V
CC +0.3V
Static Sensitivity (HBM) min
500V
Figure 2 - ACE9020 simplified block digram
ACE9020
Receiver and Transmitter Interface
DS4287
ISSUE 5.0
December 1997
Ordering Information
SSOP 28 lead package, code NP28
ACE9020B/KG/NP1S - anti-static sticks
ACE9020B/KG/NP1T - tape mounted
Figure 1 - Pin connections - top view
PD1
PD2
GND
BIAS_REF
VCC_TX
TXPA+
TXPA-
RSET_TXPA
GND_TXOSC
TANK+
TANK-
VCC_DIV
GND_OSC
MOD_CNTRL
DIV_OUT+
DIV_OUT-
RATIO_SEL
GND_DIV
TXOSC+
TXOSC-
VCC_TXOSC
GND_RX
RXVCOIN
n.c.
VCC_RX
n.c.
n.c.
VCC
128
14
15
Note: Pin 1 is identified by moulded spot
and by coding orientation.
NP28
VHF
OSC
RSET_TXPA
TANK+
TANK-
TXOSC+
TXOSC-
TXPA+
TXPA-
BIAS &
POWER
DOWN
CONTROL
BIAS_REF
PD1
PD2
RXVCOIN
DIV_OUT+
DIV_OUT-
RATIO_SEL
MOD_CNTRL
DIVIDE BY
64/65 OR 128/129


同様の部品番号 - ACE9020KG

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
   Radio Interface and Twin Synthesiser
More results

同様の説明 - ACE9020KG

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
   V.35 Interface Receiver/Transmitter
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
   IR Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com