データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1528-CKA データシート(PDF) 7 Page - Gennum Corporation

部品番号 GS1528-CKA
部品情報  GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528-CKA データシート(HTML) 7 Page - Gennum Corporation

Back Button GS1528-CKA Datasheet HTML 3Page - Gennum Corporation GS1528-CKA Datasheet HTML 4Page - Gennum Corporation GS1528-CKA Datasheet HTML 5Page - Gennum Corporation GS1528-CKA Datasheet HTML 6Page - Gennum Corporation GS1528-CKA Datasheet HTML 7Page - Gennum Corporation GS1528-CKA Datasheet HTML 8Page - Gennum Corporation GS1528-CKA Datasheet HTML 9Page - Gennum Corporation GS1528-CKA Datasheet HTML 10Page - Gennum Corporation GS1528-CKA Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GS1528 Data Sheet
16632 - 5
June 2005
7 of 13
3. Detailed Description
3.1 Input Interfacing
SDI/SDI are high impedance differential inputs. (See Figure 2-1 1 for equivalent
input circuit).
Several conditions must be observed when interfacing to these inputs:
1. The differential input signal amplitude must be between 300 and 2000mVpp.
2. The common mode voltage range must be as specified in the Table 1-1: DC
Electrical Characteristics.
3. For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS1528 inputs are self-biased, allowing for simple AC coupling to the device.
For serial digital video, a minimum capacitor value of 4.7µF should be used to allow
coupling of pathological test signals. A tantalum capacitor is recommended.
3.2 SD/HD
The GS1528 SDO rise and fall times can be set to comply with both SMPTE
259M/344M and SMPTE 292M. For all SMPTE 259M standards, or any data rate
that requires longer rise and fall time characteristics, the SD/HD pin must be set to
a HIGH INPUT. For SMPTE 292M standards and signals which require faster rise
and fall times, this pin should be set to a LOW INPUT.
3.3 Output Interfacing
The GS1528 outputs are current mode, and will drive 800mV into a 75
Ω load.
These outputs are protected from accidental static damage with internal static
protection diodes.
The SMPTE 292M, SMPTE 344M and SMPTE 259M standards requires that the
output of a cable driver have a source impedance of 75
Ω and a return loss of at
least 15dB between 5MHz and 1.485GHz.
In order for an SDI output circuit using the GS1528 to meet this specification, the
output circuit shown in the Typical Application Circuit is recommended.
The value of LCOMP will vary depending on the PCB layout, with a typical value of
5.6nH (see the Application Information on page 11 in this data sheet for further
details). A 4.7µF capacitor is used for AC coupling the output of the GS1528. This
value is chosen to ensure that pathological signals can be coupled without a
significant DC component occurring.


同様の部品番号 - GS1528-CKA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

同様の説明 - GS1528-CKA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com