データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1532 データシート(PDF) 7 Page - Gennum Corporation

部品番号 GS1532
部品情報  GS1532 HD-LINX-TM II Multi-Rate Serializer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1532 データシート(HTML) 7 Page - Gennum Corporation

Back Button GS1532 Datasheet HTML 3Page - Gennum Corporation GS1532 Datasheet HTML 4Page - Gennum Corporation GS1532 Datasheet HTML 5Page - Gennum Corporation GS1532 Datasheet HTML 6Page - Gennum Corporation GS1532 Datasheet HTML 7Page - Gennum Corporation GS1532 Datasheet HTML 8Page - Gennum Corporation GS1532 Datasheet HTML 9Page - Gennum Corporation GS1532 Datasheet HTML 10Page - Gennum Corporation GS1532 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
GS1532 Data Sheet
21498 - 6
June 2005
7 of 52
13
IOPROC_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable I/O processing features.
When set HIGH, the following I/O processing features of the device are
enabled:
• EDH Packet Generation and Insertion (SD-only)
• SMPTE 352M Packet Generation and Insertion
• ANC Data Checksum Calculation and Insertion
• Line-based CRC Generation and Insertion (HD-only)
• Line Number Generation and Insertion (HD-only)
• TRS Generation and Insertion
• Illegal Code Remapping
To enable a subset of these features, keep IOPROC_EN/DIS HIGH and
disable the individual feature(s) in the IOPROC_DISABLE register
accessible via the host interface.
When set LOW, the I/O processing features of the device are disabled,
regardless of whether the features are enabled in the IOPROC_DISABLE
register.
18
SMPTE_BYPASS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with DVB_ASI = LOW, the device will be
configured to operate in SMPTE mode. All I/O processing features may be
enabled in this mode.
When set LOW, the device will not support the scrambling or encoding of
received SMPTE data. No I/O processing features will be available.
19
RSET
Analog
Input
Used to set the serial digital output signal amplitude. Connect to CD_VDD
through 281
Ω +/- 1% for 800mVp-p single-ended output swing.
20
CD_VDD
Power
Power supply connection for the serial digital cable driver. Connect to
+1.8V DC analog.
21
SDO_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output stage.
When set LOW, the serial digital output signals SDO and SDO are
disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO are
enabled.
22
CD_GND
Power
Ground connection for the serial digital cable driver. Connect to analog
GND.
23, 24
SDO, SDO
Analog
Output
Serial digital output signal operating at 1.485Gb/s, 1.485/1.001Gb/s, or
270Mb/s.
The slew rate of these outputs is automatically controlled to meet SMPTE
292M and 259M specifications according to the setting of the SD/HD pin.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS1532

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
191Kb / 9P
   HD-LINX II Voltage Controlled Oscillator
GS1532 GENNUM-GS1532 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1532-CF GENNUM-GS1532-CF Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1532-CFE3 GENNUM-GS1532-CFE3 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
More results

同様の説明 - GS1532

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com