データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1535-CFUE3 データシート(PDF) 5 Page - Gennum Corporation

部品番号 GS1535-CFUE3
部品情報  GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535-CFUE3 データシート(HTML) 5 Page - Gennum Corporation

  GS1535-CFUE3 Datasheet HTML 1Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 2Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 3Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 4Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 5Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 6Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 7Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 8Page - Gennum Corporation GS1535-CFUE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GS1535 Data Sheet
18557 - 8
February 2005
5 of 22
24, 25, 26
SS[2:0]
BIDIRECTIONAL
When AUTO/MAN is HIGH, SS[0:2] are outputs, displaying the data rate to
which the PLL has locked.
When AUTO/MAN is LOW, SS[0:2] are inputs, forcing the PLL to lock only to a
selected data rate.
27
ASI/177
LOGIC INPUT
Disables 177Mbps data rate in the AUTO data rate detection circuit. This
prevents a FALSE LOCK to 177Mbps when using DVB/ASI.
28
LD
OUTPUT
LOCK DETECT. HIGH when the PLL is locked.
29
RSVD
RESERVED
DO NOT CONNECT.
33
SD/HD
OUTPUT
This signal is LOW when the reclocker has locked to 1.485Gbps or
1.485/1.001Gbps, and HIGH when the reclocker has locked to 143Mbps,
177Mbps, 270Mbps, 360Mbps, or 540Mbps.
34
KBB
ANALOG INPUT
Controls the loop bandwidth of the PLL. Leave this pin floating for serial
reclocking applications.
36
DDO_MUTE
LOGIC INPUT
Mutes the DDO/DDO outputs, when not in bypass mode.
44, 46
DDO, DDO
OUTPUT
Differential Serial Digital Outputs.
45
DDO_VTT
PASSIVE
Center tap of two 50
Ω on-chip termination resistors between DDO and DDO..
50, 51
XTAL_OUT+,
XTAL_OUT-
OUTPUT
Differential buffered outputs of the reference oscillator.
52, 53
XTAL+, XTAL-
INPUT
Reference crystal input. Connect to the GO1535.
62, 63
LF+, LF-
PASSIVE
Loop filter capacitor connection. (CLF = 47nF).
4, 8, 12,16,
32, 35, 37,
43, 49, 54, 64
GND
PASSIVE
Recommended connect to GND.
43
GND_DRV
PASSIVE
Recommended connect to GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Type
Description
SS2
SS1
SS0
DATA RATE
SELECTED/FORCED (Mb/s)
0
0
0
143
0
0
1
177
0
1
0
270
0
1
1
360
1
0
0
540
1
0
1
1483.5/1485


同様の部品番号 - GS1535-CFUE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

同様の説明 - GS1535-CFUE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com