データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1535A データシート(PDF) 9 Page - Gennum Corporation

部品番号 GS1535A
部品情報  GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535A データシート(HTML) 9 Page - Gennum Corporation

Back Button GS1535A Datasheet HTML 5Page - Gennum Corporation GS1535A Datasheet HTML 6Page - Gennum Corporation GS1535A Datasheet HTML 7Page - Gennum Corporation GS1535A Datasheet HTML 8Page - Gennum Corporation GS1535A Datasheet HTML 9Page - Gennum Corporation GS1535A Datasheet HTML 10Page - Gennum Corporation GS1535A Datasheet HTML 11Page - Gennum Corporation GS1535A Datasheet HTML 12Page - Gennum Corporation GS1535A Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 3
November 2005
9 of 27
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
+3.6 VDC
Input ESD Voltage
2kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage
Vcc + 0.5V
Operating Temperature Range
0°C to 70°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Supply Voltage
VCC
Operating Range
3.1
3.3
3.5
V
3
Supply Current
ICC
TA=25°C
195
230
mA
1
Power Consumption
TA=25°C
645
mW
5
Logic Inputs
DDI_SEL[1:0], BYPASS,
AUTOBYPASS, AUTO/MAN,
ASI/177, DDO_MUTE
VIH
High
2.0
V
3
VIL
Low
0.8
V
3
Logic Outputs
SD/HD, LD, and LOS
VOH
250uA Load
2.4
V
3
VOL
250uA Load
0.4
V
3
Bi-Directional Pins (Manual Mode)
SS[2:0], AUTO/MAN = 0
VIH
High
2.0
V
3
VIL
Low
0.8
V
3
Bi-Directional Pins (Auto Mode)
SS[2:0], AUTO/MAN = 1
VOH
High, 250uA Load
2.4
V
1
VOL
Low, 250uA Load
0.4
V
1
XTAL_OUT+, XTAL_OUT-
VOH
High
VCC
–V
7
VOL
Low
VCC - 0.285
V
7
Serial Input Voltage
Common Mode
1.65 +
(VSID/2)
–VCC
-(VSID/2)
V1


同様の部品番号 - GS1535A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1535A GENNUM-GS1535A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

同様の説明 - GS1535A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com